Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
L9634
22/36
4.25 Register Mode
Register mode message is defined as shown in table below.
Table 12. MOSI Register Mode Message Definition
When bit D13 is set to '1,' OSD writes the data-bit to its internal register. The address bit desig-nates a
specific register in OSD. This address-bit is defined as shown below.
When the ADC resistance measurement is addressed, OSD ignores the data-bit. Upon the detection of
this ADC resistance measurement on the address-bit, OSD sends the 8-bit resistance measurement value
in the register mode response.
A write request contains valid mode bits, bit D13 set to '1,' valid address bits and valid data bits. In the next
valid CS, a register mode response contains the valid register content and not the echo from previous
command.
A read request contains valid mode bits, bit D13 set to '0,' and valid address bits. The data bits will be
ignored by the OSD. In the next valid CS, a register mode response contains a valid register content. This
register is determined by the address bits sent in the previous command.
Bit
State
Description
D15
0
Mode Bits
D14
0
D13
0
Read Configuration Register
1
Write Configuration Register
D12
Address-bit
D11
D10
D9
D8
D7
Data-bit
D6
D5
D4
D3
D2
D1
D0
Table 13. Address-bit Definition
Bit D12
Bit D11
Bit D10
Bit D9
Bit D8
Description
RES
ADC
DIAG
AD1
AD0
Program Other Options
0
0
0
0
0
STATUS.FLT Configuration Register
0
0
0
0
1
Deployment Configuration 1 Register
0
0
0
1
0
Deployment Configuration 2 Register
000
1
1
Soft Reset
RES
ADC
DIAG
AD1
AD0
Diagnostic Fault Registers
0
0
1
0
0
Channel 0 and 1 Register (see table 18)
0
0
1
0
1
Channel 2 and 3 Register, Table 19
0
0
1
1
0
Channel 4 and 5 Register (see table 20)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com