Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics L9634 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
L9634
28/36
4.32 Command Mode
Command Mode message is defined as shown in next table.
Table 24. MOSI Command Mode Message Definition
Odd parity check includes all 16 bits. "Don't care" bit is included in the parity check as well.
Bit D7 to bit D0 is used to start the deployment or the pulse stretch timer. OSD provides an independent
timer for each channel. When any of these bits are set to '1,' OSD starts the deployment of the pulse
stretch timer for the respective channels. If any of these bits are set to '0' when the pulse stretch timer is
still active, OSD terminates the pulse stretch timer for the respective channels. Once deployment is initi-
ated it will not be terminated. During the deployment, OSD will ignore all commands.
When DEPEN is negated, OSD ignores the deploy command. In other words, OSD will not initiate the
pulse stretch timer or a deployment in this condition. However, when the pulse stretcher is already started
by a deploy command, DEPEN will not terminate the pulse stretch timer. Upon receiving an idle command,
OSD will terminates the pulse stretch timer regardless of DEPEN signal. In this case, only a pulse stretch
timer that is started by a deploy command that can be terminated by sending an idle command.
Bit
State
Description
D15
0
Mode Bits
D14
1
D13
Odd Parity
D12
-
Don’t Care
D11
-
Don’t Care
D10
-
Don’t Care
D9
-
Don’t Care
D8
-
Don’t Care
D7
0
Channel 7 Idle
1
Deploy Channel 7
D6
0
Channel 6 Idle
1
Deploy Channel 6
D5
0
Channel 5 Idle
1
Deploy Channel 5
D4
0
Channel 4 Idle
1
Deploy Channel 4
D3
0
Channel 3 Idle
1
Deploy Channel 3
D2
0
Channel 2 Idle
1
Deploy Channel 2
D1
0
Channel 1 Idle
1
Deploy Channel 1
D0
0
Channel 0 Idle
1
Deploy Channel 0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com