Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
L9634
24/36
4.27 Deployment Configuration Register 1
The deployment configuration register 1 is defined as shown in the next table. During a deployment event,
a write request to this register is inhibited.
Table 15. Deployment Configuration Register 1
Bit D3 through bit D0 is used to inhibit the ARMx signal from initiating the pulse stretch timer. When these
bits are "0," ARMx signal is prohibited from initiating the timer. Otherwise, a valid ARMx signal starts the
timer. If the timer has already initiated by the SPI deployment command, the ARMx signal does not affect
the timer.
Bit D7 and bit D6 is used to set the period of pulse stretch timer. OSD has 8 independent timers for each
channel. Either a valid ARMx or a SPI deployment command is capable to start the pulse stretch timer.
These bits set the timer duration according to table. These values are default to %00 after battery connect.
Table 16. Pulse Stretch Timer
Bit
Status
Description
D7
Pulse Stretch timer (see table)
D6
D5
0
ARM Parallel Mode (default)
1
ARM Serial Mode
D4
-
Don’t Care
D3
0
ARM67 Pulse Stretch Disable (default)
1
ARM67 Pulse Stretch Enable
D2
0
ARM45 Pulse Stretch Disable (default)
1
ARM45 Pulse Stretch Enable
D1
0
ARM23 Pulse Stretch Disable (default)
1
ARM23 Pulse Stretch Enable
D0
0
ARM01 Pulse Stretch Disable (default)
1
ARM01 Pulse Stretch Enable
Bit D7
Bit D6
Stretch Period (ms)
00
7.5
01
15
10
30
11
60
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com