Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
L9634
10/36
Table 7. Arming Serial Mode Timing
(All Arming serial mode timing is performed with a 50pF load on ARMOUT unless otherwise noted)
Figure 7. Arming Serial Mode Timing
Item
Symbol
Parameter
Limits
Min
Max
Unit
-
fop
Transfer Frequency
dc
2
MHz
1tARMCLK
ARMCLK Period
500
ns
2tLEAD
Enable Lead Time
250
ns
3tLAG
Enable Lag Time
100
ns
4tARMCLK_HS
ARMCLK High Time
220
ns
5tARMCLK_LS
ARMCLK Low Time
220
ns
6tSUS
ARMIN Input Setup Time
30
ns
7tHS
ARMIN Input Hold Time
10
ns
8tA
ARMOUT Access Time
125
ns
9tVS
ARMOUT Output Valid Time
190
ns
10
tHO
ARMOUT Output Hold Time
10
ns
11
tRO
Rise Time (Design Information)
30
ns
12
tFO
Fall Time (Design Information)
30
ns
13
tARMEN_N
ARMEN Negated Time
200
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com