Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics L9634 Datasheet HTML 15Page - STMicroelectronics L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13/36
L9634
ment, OSD turns on the respective high (SQHx) and low side (SQLx) drivers for tDEPLOY. When deploy-
ment is initiated it can not be stopped. Refer to Figure 11 and Figure 12 for a deployment diagram initiated
by an arming signal in serial mode.
Figure 9. Discrete Mode: Deployment Sequence with Pulse Stretch Timer Enabled
Figure 10. Discrete Mode: Deployment Sequence with Pulse Stretch Timer Disabled
t
PULSE
Pulse Stretch Timer
2 ms
or 4ms
Deploy
Valid Deployment Window
SPI CS
Deploy Success Flag
1: SPI Deploy Command
2: Clear Deploy Success Flag
SPI CS Notes:
11
2
t
PULSE
2 ms
or 4ms
t
PULSE
Valid
Deployment
Window
1
12
Valid
Deployment
Window
t < t
PULSE
Valid Deployment Window
t
PULSE
1
3
3: SPI Idle Command
t
PULSE
3
ARMx Status Flag
De-glitch
ARMEN Notes:
A: Arming Enable
B: Arming Disable
DEPEN input is assumed to be active in this sequence.
ARM_CMP
Deploy Status Flag
t
PULSE
t
PULSE
Pulse Stretch Timer
De-glitch
Deploy
SPI CS
Deploy Success Flag
Valid
Deployment
Window
t
PULSE
1
SPI CS Notes:
Valid
Deployment
Window
1
2 ms
or 4ms
t < t
PULSE
1
2
t
PULSE
2 ms
or 4ms
Valid
Deployment
Window
11
2
Valid
Deployment
Window
3
1: SPI Deploy Command
2: Clear Deploy Success Flag
3: SPI Idle Command
3
t < t
PULSE
ARMx Status Flag
DEPEN input is assumed to be active in this sequence.
ARM_CMP
Deploy Status Flag
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com