Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics L9634 Datasheet HTML 15Page - STMicroelectronics L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17/36
L9634
4.10 Short Between Loops Diagnostic
OSD has a loop bias voltage that is multiplexed between the eight deployment loops. The bias voltage is
pulled-up to VDIAG_BIAS. Each deployment loop is pulled to ground through a current sink, IPD. If one
of these loops is shorted to the one that is biased, a "Short Between Loops" fault bit is asserted and re-
ported via SPI. Refer to Figure 16 for Short Between Loops diagram.
Short between loops test is initiated when OSD receives one of the following message:
● MOSI monitor mode message with bit D12 = '1,' bit D9 = '1,' and bit D8 = '1.'
● MOSI diagnostic mode message with bit D12 = '1' and bit D9 = '1.'
The test terminates when OSD receives one of the following message:
● MOSI monitor mode message with bit D12 = '1,' bit D9 = '1,' and bit D8 = '0'
● MOSI diagnostic mode message with bit D12 = '1' and bit D9 = '0.'
● MOSI command mode with bit D7 through bit D0 = '0.'
If the test is in progress, OSD will continue the test when any of the following messages is received:
● MOSI monitor mode, except the one with bit D12 = '1,' bit D9 = '1,' and bit D8 = '0'
● MOSI register mode
Figure 16. Short Between Loops Diagram
After a POR event, short between loop is disabled. Need to receive a SPI command to execute a short
between loop diagnostic.
4.11 Short to Battery Diagnostic
During a short to battery test, a current source referenced to VDD is connected to the SQHx. When no
short to battery condition exists, SQHx and SQLx are equal to VDIAG_BIAS. If the voltage on SQHx is
above SBth for tFLT_DLY, OSD will assert the short to battery fault. Refer to Figure 17 for a short to battery
test diagram.
SQL0
SG
th
SB
th
SQH0
VRES0
SQL1-7
SG
th
SQH1-7
VRES1-7
Diagnostics
Off
Off
Off
Off
I
PD
I
BIAS
I
PD
gnd0
gnd0
GND0
GND1-7
V
BIAS
SB
th
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com