Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 4 Page - STMicroelectronics

  L9634 Datasheet HTML 1Page - STMicroelectronics L9634 Datasheet HTML 2Page - STMicroelectronics L9634 Datasheet HTML 3Page - STMicroelectronics L9634 Datasheet HTML 4Page - STMicroelectronics L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
L9634
4/36
Table 3. Absolute Maximum Ratings *)
*) Maximum ratings are absolute values: exceeding any one of these values may cause permanent damage to the integrated circuit.
Table 4. Thermal Data
18
GND5
Power Ground 5
-
19
SQL5
Low Side Driver Output for Channel 5
Out
20
SQH5
High Side Driver Output for Channel 5
Out
21
VRES5
Reserve Voltage for Loop Channel 5
In
22
VRES4
Reserve Voltage for Loop Channel 4
In
23
SQH4
High Side Driver Output for Channel 4
Out
24
SQL4
Low Side Driver Output for Channel 4
Out
25
GND4
Power Ground 4
-
26
IREF
External Current Reference Resistor
Out
27
VDD
VDD Supply Voltage
In
28
MISO
SPI Data Out
Out
29
MOSI
SPI Data In
In
30
SCLK
SPI Clock
In
31
GND3
Power Ground 3
-
32
SQL3
Low Side Driver Output for Channel 3
Out
33
SQH3
High Side Driver Output for Channel 3
Out
34
VRES3
Reserve Voltage for Loop Channel 3
In
35
VRES2
Reserve Voltage for Loop Channel 2
In
36
SQH2
High Side Driver Output for Channel 2
Out
37
SQL2
Low Side Driver Output for Channel 2
Out
38
GND2
Power Ground 2
-
39
VRMEAS
Supply Voltage for Resistance Measurement
In
40
GND1
Power Ground 1
-
41
SQL1
Low Side Driver Output for Channel 1
Out
42
SQH1
High Side Driver Output for Channel 1
Out
43
VRES1
Reserve Voltage for Loop Channel 1
In
44
VRES0
Reserve Voltage for Loop Channel 0
In
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 6.5
V
VRMEAS voltage
-0.3 to 40
V
VRES voltage
-0.3 to 40
V
SQHX, SQLX squib high and low side drv
-1 to 40
V
Vin
Discrete input voltage
-0.3 to 6.5
V
Tj
Maximum junction temperature
+150
°C
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction to Ambient
68
°C/W
Rthj-case
Thermal Resistance Junction to Case
14
°C/W
Tstg
Storage Temperature
-50 to +175
°C
Table 2. Pin Function (continued)
N°
Pin
Description
I/O Type
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com