Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics L9634 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11/36
L9634
4
CIRCUIT DESCRIPTION
OSD is an integrated circuit to be used in air bag systems. Its main functions are deployment of the air
bag and diagnostics of the SDM (Sensing Deployment Module). The OSD supports 8 de-ployment loops.
The main features of OSD IC are:
● 8 deployment drivers sized to deliver 1.2A min for 2ms min at 40V max or 1.75A min for 4ms min at
21V max (current and time are internally limited while power supply is externally lim-ited).
● 10% accuracy for deployment current.
● 5% accuracy for deployment time.
● High side and Low side current limits programmable via SPI.
● Low-voltage internal reset
● 5.5MHz SPI Interface
● SPI Message Validation
● 4 discrete logic arming inputs
● High and low-side MOS tests
● Squib resistance measurement with 5% accuracy
● Short to -1V protection on all deployment loops (high and low side).
● Capability to deploy with 1.2A min under 40V load-dump condition and the low side MOS is shorted
to -1V.
● Capability to deploy with 1.75A min under 21V condition and the low side MOS is shorted to -1V
● Capability to deploy with 1.75A min, when the high side MOS is shorted to 18V-battery and -1V
ground difference.
● Capability to deploy the air bag with 1.2A min @ 6.9V VRES
● Deployment loops short to ground and short to battery detection
● Short between loops detection
● -40°C to +95°C ambient temperature
● Package: 44LD TQFP
● Technology: ST's proprietary BCD4 Process
4.1
Power On Reset
VDD loss of regulation detection is filtered for tPOR prior to issue an internal reset. This filter is intended
to provide protection from short transients on VDD input. When VDD input voltage decreases below VRST
for tPOR, OSD undergoes an internal reset. OSD keeps all current sinks and current sources, except the
IPD, inactive and all outputs are driven to an inactive state and remains inactive as VDD decays down to
0V. When VDD rises above VRST, the outputs and the internal current sinks and current sources are en-
abled. When OSD is in reset, none of the outputs are momentarily turned on.
4.2
Deployment Drivers
The on chip deployment drivers are sized to deliver IDEPLOY. Deployment current and period are pro-
grammable via SPI. The high side driver survives deployment condition 1 and 2 as defined here below.
SQLx is shorted to ground (-1V) in these two conditions.
Table 8. Deployment Survivability Conditions
No.
Drivers
Conditions
IDEPLOY
Voltage
RLOAD
Duration
1.
SQHx
1.47A
VRESx = 40V; SQLx = -1V
1.7
Ω
2.5mS
2.
2.14A
VRESx = 21V; SQLx = -1V
1.7
Ω
4.5mS
3.
SQLx
2.14A
SQHx = 18V
1.7
Ω
4.5mS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com