Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 3Page - STMicroelectronics L9634 Datasheet HTML 4Page - STMicroelectronics L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7/36
L9634
1. Not applicable during the diagnostic.
Figure 4. MOS Settling time and turn-on time 1
Deployment Drivers AC Specification
tPOR
POR De-glitch Timer
5
20
µs
tON
MOSs turn on time
ARMx and DEPEN pins
asserted
Measured from falling edge CS
to
90% of IFINAL;
See Figure 19 and Figure 20
150
µs
tsettle
MOSs settling time
ARMx and DEPEN pins
asserted
Measured from falling edge CS
to
90% - 110% of IFINAL;
See Figure 19 and Figure 20
300
µs
tPULSE
Pulse Stretch Timer
See “Pulse Stretch Timer table”
0
60
ms
Table 5. Electrical Characteristics (continued)
(VRES = 6.5 to 40V, VDD = 4.9 to 5.1V, VRMEAS = 7.0V to 26.5V, Tamb = -40°C to +95°C unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com