Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 15Page - STMicroelectronics L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19/36
L9634
Figure 19. Resistance Measurement Diagram
The ADC has a resolution of 8 bits and an accuracy of 5%. The ADC is robust to disruption that may occur
due to adjacent loops short to 40V or -1V.
4.14 MOS Diagnostic
During a MOS test, the IBIAS current source referenced to VBIAS is connected to the SQHx. In case of nor-
mal condition, SQHx and SQLx are equal to VBIAS.
DEPEN pin is asserted in order to run a MOS diagnostic. If DEPEN pin is negated, OSD will inhibit the
high/low side MOS from turning on. In this case, the MOS diagnostic is terminated after tDETECT is expired
and the respective MOS fault bit is set.
4.15 Low Side MOS Diagnostic
Upon detection of the following conditions, OSD turns the low side driver off and terminates the diagnostic
within the specified time, tPROP_DLY.
● VSQL is less than SGth threshold voltage
● (VSQHx - VSQLx) is greater than VI_TH
● VSQH is greater than SBth threshold voltage
Any of the above conditions are considered as a normal operation. Upon detection any of these conditions,
OSD does not set the low side driver fault bits.
On a single channel, high-side and low-side MOS diagnostics is completed within tDETECT. A low-side
MOS fault bit is only set when tDETECT is expired before any of the above conditions are detected. A fault
detection filter, tFLT_DLY, is provided to protect against short-transients on SQH and SQL pins. See Figure
20 for MOS test diagram.
Figure 20. MOS Diagnostic Diagram
SQLx
SQHx
I
SRC
VIGN
I
SINK
I
PD
VRESx
Off
to ADC
Off
gnd0
GNDx
SQLx
SG
th
SB
th
SQHx
VRESx
HS Gate
Drive
Diagnostics
LS Gate
Drive
I
PD
GNDx
gnd0
I
BIAS
V
BIAS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com