Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 3 Page - STMicroelectronics

  L9634 Datasheet HTML 1Page - STMicroelectronics L9634 Datasheet HTML 2Page - STMicroelectronics L9634 Datasheet HTML 3Page - STMicroelectronics L9634 Datasheet HTML 4Page - STMicroelectronics L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3/36
L9634
Figure 3. Pin Connection (Top view)
Table 2. Pin Function
N°
Pin
Description
I/O Type
1
SQH0
High Side Driver Output for Channel 0
Out
2
SQL0
Low Side Driver Output for Channel 0
Out
3
GND0
Power Ground 0
-
4
ARMCLK
ARM Serial Mode Clock Input
In
ARM45
Discrete Arm Signal for Channel 4 & 5
In
5
ARMOUT
ARM Serial Mode Data Output
Out
ARM67
Discrete Arm Signal for Channel 6 & 7
In
6
ARMEN
ARM Serial Mode Data Enable
In
ARM23
Discrete Arm Signal for Channel 2 & 3
In
7
ARMIN
ARM Serial Mode Data Input
In
ARM01
Discrete Arm Signal for Channel 0 & 1
In
8
TEST
Test Input Pin
In
DEPEN
Deployment Enable
In
9
GND7
Power Ground 7
-
10
SQL7
Low Side Driver Output for Channel 7
Out
11
SQH7
High Side Driver Output for Channel 7
Out
12
VRES7
Reserve Voltage for Loop Channel 7
In
13
VRES6
Reserve Voltage for Loop Channel 6
In
14
SQH6
High Side Driver Output for Channel 6
Out
15
SQL6
Low Side Driver Output for Channel 6
Out
16
GND6
Power Ground 6
-
17
CS
SPI Chip Select
In
D04AT523
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
ARMEN / ARM23
ARMOUT / ARM67
ARMCLK / ARM45
SQL0
SQH0
GND0
SQH7
SQL7
GND7
ARMIN / ARM01
TEST / DEPEN
MISO
VDD
IREF
SQL4
SQH4
GND4
SQH3
SQL3
GND3
MOSI
SCLK
12 13 14 15 16
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com