Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
L9634
SPI transfer. OSD ignores all SPI transfers, which are not a 16-bit transfer and issue a SPI fault response
in the next valid CS.
4.20 Serial Clock (SCLK)
The SCLK input is the clock signal input for synchronization of serial data transfer. This pin has TTL level
compatible input voltages allowing proper operation with microprocessors using a 3.3 to 5.0 volt supply.
When CS is asserted, both the SPI master and this device latch input data on the rising edge of SCLK.
The SPI master typically shifts data out on the falling edge of SCLK, as does this device.
4.21 Serial Data Output (MISO)
The MISO output pin is in a tri-state condition when CS is negated. When CS is asserted, the MSB is the
first bit of the word transmitted on MISO and the LSB is the last bit of the word transmitted on MISO. This
pin supplies a "rail to rail" output, so if interfaced to a microprocessor that is using a lower VDD supply,
the appropriate microprocessor input pin shall not sink more than IOH and shall not clamp the MISO volt-
age to less than VOH(min) while the MISO pin is in a logic "1" state.
4.22 Serial Data Input (MOSI)
The MOSI input takes data from the master microprocessor while CS is asserted. The MSB is the first bit
of each word received on MOSI and the LSB is the last bit of each word received on MOSI. This pin has
TTL level compatible input voltages allowing proper operation with micro-processors using a 3.3 to 5.0 volt
supply.
4.23 SPI Transmission
The SPI provides access to read/write to the registers internal to OSD. OSD responses to various com-
mands summarized in the below table. OSD response to the previous command is sent in the next valid CS.
Table 10. OSD SPI Response
4.24 SPI Bit Definition - MOSI Bit
Figure 22. MOSI Bit Layout
Table 11. MOSI Mode Bits Definition
Mode Bits
MOSI Command
Mode Bits
MISO Response
D15
D14
D15
D14
0
0
Register Mode
0
0
Register Mode
0
1
Command Mode
0
1
Command Mode
1
0
Diagnostic Mode
1
1
Status Response
1
1
Monitor Mode
1
1
Status Response
X
X
SPI Transmission Fault
1
0
SPI Fault Response
Bit D15
Bit D14
Description
0
0
Register Mode
0
1
Command Mode
1
0
Diagnostic Mode
1
1
Monitor Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com