Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics L9634 Datasheet HTML 15Page - STMicroelectronics L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
L9634
14/36
Figure 11. Serial Mode: Deployment Sequence with Pulse Stretch Timer Enabled
Figure 12. Serial Mode: Deployment Sequence with Pulse Stretch Timer Disabled
4.4
ARM01 / ARMIN
In discrete mode, this pin acts as the ARM input channel 0 and channel 1. In serial mode, this pin acts as
the input of Arming shift register.
The ARMIN input takes data from the processor or another OSD while ARMEN is asserted. The MSB is
the first bit of each word received on ARMIN. The LSB is the last bit of each word received on ARMIN.
See Figure 8 below for Aming shift register. This pin has a TTL level compatible input voltages allowing
proper operation with another devices using a 3.3V to 5.0V supply.
t
PULSE
Pulse Stretch Timer
2 ms
or 4ms
Deploy
Valid Deployment Window
SPI CS
Deploy Success Flag
1: SPI Deploy Command
2: Clear Deploy Success Flag
SPI CS Notes:
1
1
2
t
PULSE
2 ms
or 4ms
t
PULSE
Valid
Deployment
Window
1
1
2
Valid
Deployment
Window
t < t
PULSE
Valid Deployment Window
t
PULSE
1
3
3: SPI Idle Command
t
PULSE
3
ARMx Status Flag
ARMEN
A
B
A
B
A
B
A
B
A
B
ARMEN Notes:
A: Arming Enable
B: Arming Disable
DEPEN input is assumed to be active in this sequence.
De-glitch
Deploy Status Flag
t
PULSE
t
PULSE
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com