Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics L9634 Datasheet HTML 15Page - STMicroelectronics L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15/36
L9634
Figure 13. Arming Shift Register
4.5
ARM23 / ARMEN
In discrete mode, this pin acts as the ARM input channel 2 and channel 3. In serial mode, this pin acts as
an active high input to select this device for serial transfers. This pin has a TTL level compatible input volt-
ages allowing proper operation with another devices using a 3.3V to 5.0V supply.
While ARMEN is asserted, arming register data is shifted into the ARMIN pin and shifted-out of the AR-
MOUT pin on both rising and falling edges of ARMCLK. On the falling edge of ARMEN, OSD latch-in the
bits from the shift register, and clear the shift register contents.
4.6
ARM45 / ARMCLK
In discrete mode, this pin acts as the ARM input channel 4 and channel 5. In serial mode, this pin acts as
a clock input for serial communication. This pin has a TTL level compatible input voltages allowing proper
operation with another devices using a 3.3V to 5.0V supply.
When ARMEN is asserted, on the rising or falling edge of ARMCLK the logic level input at the ARMIN pin
is shifted into the internal Arming shift register. While MSB in the shift register is shifted-out on the AR-
MOUT pin. Serial data is shifted in and out of the shift register on each ARMCLK edge. When ARMEN is
negated, OSD ignores ARMCLK signal.
A clock edge counter is provided to verify a valid serial arming communication. A valid serial arming com-
munication contains (4n - 1) ARMCLK edges. Otherwise, OSD ignores the serial arming messages.
4.7
ARM67 / ARMOUT
In discrete mode, this pin acts as the ARM input channel 6 and channel 7. In serial mode, this pin acts as
the output of Arming shift register. This pin has a TTL level compatible input voltages allowing proper op-
eration with another devices using a 3.3V to 5.0V supply.
When ARMEN is negated, ARMOUT pin is pulled down. When ARMEN is asserted, the MSB is the first
bit of the nibble shifted onto ARMOUT. The LSB is the last bit shifted onto ARMOUT.
4.8
TEST / DEPEN (Deployment Enable)
DEPEN is a deployment enable input, which is an active high input. When DEPEN is negated, it inhibits
the high-side and the low-side MOSs from turning on. If DEPEN is negated when a valid deployment is
received, OSD inhibits the deployment. If DEPEN is negated when a diagnostic command is received,
OSD executes the diagnostic sequence. If a MOS diagnostic is executed while DEPEN is negated, OSD
returns a low-side MOS fault. SPI remains functional while this pin is pulled low. When this pin is asserted,
OSD is able to drive its high and low side drivers upon receiving a valid deployment command or a MOS
diagnostic. DEPEN does not initiate a deployment nor terminate a deployment if it is already started.
To enter a test mode, this pin has to be pulled higher than VIH_TEST.
4.9
Deployment Driver Diagnostics
OSD runs an on-chip self-diagnostics when commanded via SPI. By default, OSD is in the monitor mode
(D15 & D14 = %11). The on-chip diagnostic operates according to the flow chart shown in Figure 15. If a
fault condition is detected, the state machine asserts a fault bit, which serves as a flag to the processor.
Once a fault bit asserted, OSD terminates the diagnostic tests for that particular channel and start diag-
nostic tests on the next channel. The fault information in OSD is sent out through MISO. For diagnostic
ARM67
ARM01
ARM23
ARM45
MSB
LSB
14
3
2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com