Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics L9634 Datasheet HTML 14Page - STMicroelectronics L9634 Datasheet HTML 15Page - STMicroelectronics L9634 Datasheet HTML 16Page - STMicroelectronics L9634 Datasheet HTML 17Page - STMicroelectronics L9634 Datasheet HTML 18Page - STMicroelectronics L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
L9634
16/36
mode SPI bit definition.
OSD is able to differentiate short to battery, open circuit, and short to ground. A resistance measurement
provides the resistance value of a load connected between SQH and SQL. MOS diagnostic verifies the
functionality of the high and low side MOS. Refer to Figure 14 for the diagnostic diagram. A detailed op-
eration for each test is described in sections below.
Figure 14. Diagnostic Diagram
Figure 15. Diagnostic Flow Chart
Diagnostics
s1
A/D Converter
Data registers
8 to 1
Mux
s0
s2
SPI
SCLK
CS
MISO
MOSI
SQLx
SG
th
SQHx
I
SRC
VIGN
I
SINK
VRESx
I
BIAS
V
BIAS
SB
th
OC
th
I
PD
GNDx
gnd0
Monitor Mode
Run On-chip
Diagnostic
No
Short to
Ground
Yes
Resistance
Measurement
Indicate
Short to Ground
Yes
No
FET Test
enabled
No
Yes
Indicate
No Fault
LS FET
failed
Yes
No
Indicate
LS FET failed
HS FET
failed
Yes
No
Indicate
HS FET failed
Low Side Driver FET
Test
High Side Driver FET
Test
Indicate
Open Circuit
Open Circuit
Yes
No
Indicate
Short to Battery
Short to Battery
Yes
No
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com