Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 4Page - STMicroelectronics L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
L9634
8/36
Figure 5. MOS Settling time and turn-on time 2
2. Application information only; not tested.
3. Time from Falling edge of CS until SPI “diagnostic” flag is set.
Table 5. Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tP_ACC
Pulse Stretch Timer Accuracy
-20
20
%
tGLITCH
Pulse Stretcher De-glitch timer
5
25
µs
tDEPLOY
Deployment Time
VRES = 6.9 - 40V2;
(see table)
22.25
ms
VRES = 12 – 21V3;
(see table)
44.5
tTIMEOUT
Diagnostic Bias Current Time
Time from falling edge of CS until
SPI diagnostic complete flag is
set, in case of Short to GND for a
single channel diagnostic.
2.5
ms
tFLT_DLY
Fault Detection Filter2
10
50
µs
ISLEW
Rmeas Current di/dt
40
mA/
µs
tRES
Resistance Measurement
Time2
Duration when IDIAG_SRC and
IDIAG_SINK are connected to SQH
and SQL during a Resistance
Measurement
2.5
ms
tMOS_ON
MOS test
turn-on time2
On-time of a LS/HS driver during
a MOS test
2.5
ms
tDETECT
MOS test
detection window2
Time window to check for a LS/
HS MOS fault on a single loop
7.5
ms
tPROP_DLY
LS/HS MOS turn off
propagation delay2
Time is measured from the valid
LS/HS MOS condition to the LS/
HS turn off
10
µs
tDIAG1
Diagnostic Time3
For a single loop;
MOS Test Disabled
5ms
tDIAG_MULT
For 8 loops
MOS Tests Disabled
40
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com