Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
L9634
26/36
Table 19. Diagnostic Fault Register: Channel 2 and 3
Table 20. Diagnostic Fault Register: Channel 4 and 5
Table 21. Diagnostic Fault Register: Channel 2 and 3
Diagnostic fault bit indicates short between loops, short to battery, open circuit, short to ground, high or
low side MOS fault. The channel number is determined by the address bit in register mode command.
These faults are decoded as shown in Diagnostic Fault-bit Definition table. Bit D7 and bit D3 indicate if a
fault condition exists in the respective channels. Loss of ground fault has the highest priority among all
fault conditions.
Bit
State
Description
D7
0
No Fault: Channel 3
1
Fault Exists: Channel 3
D6
Channel 3
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
D5
D4
D3
0
No Fault: Channel 2
1
Fault Exists: Channel 2
D2
Channel 2
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
Bit
State
Description
D7
0
No Fault: Channel 5
1
Fault Exists: Channel 5
D6
Channel 5
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
D5
D4
D3
0
No Fault: Channel 4
1
Fault Exists: Channel 4
D2
Channel 4
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
Bit
State
Description
D7
0
No Fault: Channel 7
1
Fault Exists: Channel 7
D6
Channel 7
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
D5
D4
D3
0
No Fault: Channel 6
1
Fault Exists: Channel 6
D2
Channel 6
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com