Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 19Page - STMicroelectronics L9634 Datasheet HTML 20Page - STMicroelectronics L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23/36
L9634
4.26 STATUS.FLT Configuration Register
STATUS.FLT register is defined as shown in the below table. The setting of these registers will influence
the diagnostic fault indication flag in the status response. If any of these bits set to '1,' OSD inhibits the
faults of the respective channels from affecting bit D13 (diagnostic fault flag) in the MISO Status Re-
sponse. This STATUS.FLT configuration register does not afftect the operation of diagnostic fault regis-
ters.
Table 14. STATUS.FLT Configuration Register
Bit D12
Bit D11
Bit D10
Bit D9
Bit D8
Description
0
0
1
1
1
Channel 6 and 7 Register, Table 21
RES
ADC
AD2
AD1
AD0
ADC Resistance Measurement Result
0
1
0
0
0
8-bit ADC Measurement Register: Ch 0
0
1
0
0
1
8-bit ADC Measurement Register: Ch 1
0
1
0
1
0
8-bit ADC Measurement Register: Ch 2
0
1
0
1
1
8-bit ADC Measurement Register: Ch 3
0
1
1
0
0
8-bit ADC Measurement Register: Ch 4
0
1
1
0
1
8-bit ADC Measurement Register: Ch 5
0
1
1
1
0
8-bit ADC Measurement Register: Ch 6
0
1
1
1
1
8-bit ADC Measurement Register: Ch 7
Bit
Status
Description
D7
0
Enable Fault Report on Channel 7 (default)
1
Disable Fault Report on Channel 7
D6
0
Enable Fault Report on Channel 6 (default)
1
Disable Fault Report on Channel 6
D5
0
Enable Fault Report on Channel 5 (default)
1
Disable Fault Report on Channel 5
D4
0
Enable Fault Report on Channel 4 (default)
1
Disable Fault Report on Channel 4
D3
0
Enable Fault Report on Channel 3 (default)
1
Disable Fault Report on Channel 3
D2
0
Enable Fault Report on Channel 2 (default)
1
Disable Fault Report on Channel 2
D1
0
Enable Fault Report on Channel 1 (default)
1
Disable Fault Report on Channel 1
D0
0
Enable Fault Report on Channel 0 (default)
1
Disable Fault Report on Channel 0
Table 13. Address-bit Definition (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com