Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics L9634 Datasheet HTML 32Page - STMicroelectronics L9634 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29/36
L9634
4.33 Diagnostic Mode
Diagnostic Mode message is defined as shown in table.
Table 25. MOSI Diagnostic Mode Message Definition
Odd parity check includes all 16 bits. "Don't care" bit is included in the parity check as well.
When bit D12 is set to '1,' OSD starts its internal diagnostics on any channels selected in bit D7 through
bit D0. When any of bit D7 through bit D0 are set to '1,' OSD performs diagnostics on the respective chan-
nels. The diagnostic sequence is shown in Figure 10. When bit D12 is set to '0,' OSD ignores bit D9
through bit D0.
Bit D9 and bit D8 are utilized to control the short between loops and MOS tests. If any of these bits are set
to '1,' OSD performs the respective tests to any channels as selected in bit D7 thorugh bit D0. OSD exe-
cutes these tests based on the diagnostic flow chart, shown in Figure 15.
Bit
State
Description
D15
1
Mode Bits
D14
0
D13
Odd Parity
D12
0
Read Status Response Only
1
Run On-chip Diagnostic
D11
-
Don’t Care
D10
-
Don’t Care
D9
0
Short Between Loops Test Disable
1
Short Between Loops Test Enable
D8
0
MOS Test Disable
1
MOS Test Enable
D7
0
Disable Channel 7 Diagnostic
1
Enable Channel 7 Diagnostic
D6
0
Disable Channel 6 Diagnostic
1
Enable Channel 6 Diagnostic
D5
0
Disable Channel 5 Diagnostic
1
Enable Channel 5 Diagnostic
D4
0
Disable Channel 4 Diagnostic
1
Enable Channel 4 Diagnostic
D3
0
Disable Channel 3 Diagnostic
1
Enable Channel 3 Diagnostic
D2
0
Disable Channel 2 Diagnostic
1
Enable Channel 2 Diagnostic
D1
0
Disable Channel 1 Diagnostic
1
Enable Channel 1 Diagnostic
D0
0
Disable Channel 0 Diagnostic
1
Enable Channel 0 Diagnostic
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com