Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 21Page - STMicroelectronics L9634 Datasheet HTML 22Page - STMicroelectronics L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25/36
L9634
4.28 Deployment Configuration Register 2
The second deployment configuration register contains bits to configure the deployment period and the
deployment current for each loop. During a deployment event, a write request to this register is inhibited.
The register is defined as shown in herebelow table.
Table 17. Deployment Configuration Register 2
4.29 Soft Reset
The soft reset in OSD is achieved by writing $AA and $55 within two subsequent 16-bit SPI transmissions.
If the sequence is broken, the processor will be required to re-transmit the sequence. OSD is not in reset
if the sequence is not completed within two subsequent 16-bit SPI transmissions.
4.30 Diagnostic Fault Registers
These diagnostic fault registers contain the fault status for each of the channels.
Each register is cleared immediately after a SPI reading on that particular register.
The diagnostic fault registers is defined as shown here below:
Table 18. Diagnostic Fault Register: Channel 0 and 1
Bit
Status
Description
D7
0
Channel 6/7 2ms Deployment Period (default)
1
Channel 6/7 4ms Deployment Period
D6
0
Channel 6/7 1.2A Deployment Current (default)
1
Channel 6/7 1.75A Deployment Current
D5
0
Channel 4/5 2ms Deployment Period (default)
1
Channel 4/5 4ms Deployment Period
D4
0
Channel 4/5 1.2A Deployment Current (default)
1
Channel 4/5 1.75A Deployment Current
D3
0
Channel 2/3 2ms Deployment Period (default)
1
Channel 2/3 4ms Deployment Period
D2
0
Channel 2/3 1.2A Deployment Current (default)
1
Channel 2/3 1.75A Deployment Current
D1
0
Channel 0/1 2ms Deployment Period (default)
1
Channel 0/1 4ms Deployment Period
D0
0
Channel 0/1 1.2A Deployment Current (default)
1
Channel 0/1 1.75A Deployment Current
Bit
State
Description
D7
0
No Fault: Channel 1
1
Fault Exists: Channel 1
D6
Channel 1
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
D5
D4
D3
0
No Fault: Channel 0
1
Fault Exists: Channel 0
D2
Channel 0
Diagnostic Fault-bit
Refer to Diagnostic Fault-bit Definition table 22
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com