Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics L9634 Datasheet HTML 32Page - STMicroelectronics L9634 Datasheet HTML 33Page - STMicroelectronics L9634 Datasheet HTML 34Page - STMicroelectronics L9634 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31/36
L9634
4.35 MISO Bit Definition
Figure 23. MISO Bit Layout
Table 27. MISO Mode Bits Definition
4.36 Register Mode Response
Register Mode Response is defined as shown in table.
Table 28. MISO Register Mode Response Definition
Bit D13 is used to reflect the status of MOSI Read/Write bit (refer to bit D13 in "MOSI Register Mode Mes-
sage Definition table").
Bit D7 through bit D0 contain data bits. These data bits contain either diagnostic fault register or ADC re-
sistance measurement register depending upon the MOSI request. Both register are defined as shown in
"Diagnostic Fault Register Channel 0 and 1 table" and "ADC Resistance Measurement Register table".
Bit D15
Bit D14
Description
0
0
Register Mode Response
0
1
Command Mode Response
1
0
SPI Fault Response
1
1
Status Response
Bit
State
Description
D15
0
Mode Bits
D14
0
D13
Echo of MOSI Read/Write Bit
D12
Address Bits
Refer to Address-bit Definition table
D11
D10
D9
D8
D7
Data Bits
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com