Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9639 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9639
Description  FOLDER ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9639 Datasheet(HTML) 1 Page - STMicroelectronics

  L9639 Datasheet HTML 1Page - STMicroelectronics L9639 Datasheet HTML 2Page - STMicroelectronics L9639 Datasheet HTML 3Page - STMicroelectronics L9639 Datasheet HTML 4Page - STMicroelectronics L9639 Datasheet HTML 5Page - STMicroelectronics L9639 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BIDIRECTIONAL SWITCH
MOTOR STOP CONTROLLED BY MOTOR
CURRENT
START UP AND END CURRENT DETEC-
TION
THRESHOLDS
PROGRAMMABLE
WITH EXTERNAL RSHUNT
STOP DELAY TIME FOR START UP AND
END PHASE PROGRAMMABLE WITH EX-
TERNAL RC
OUTPUT SHORT CIRCUIT PROTECTION
OUTPUT CURRENT LIMITING > 8A
THERMAL PROTECTION
ACTIVE DIODE BRIDGE INTERNALLY DIF-
FUSED
MAXIMUM VOLTAGE SUPPLY 50V
TECHNOLOGY MULTIPOWER BCD60II
November 1998
®
COMMON
19
ACTIVE
BRIDGE
GND
1,10,11,20
LIVE
2
V+
14
POW ER ON
RESET
LOGIC HV
REF.
VOLTAGE
THERMAL
PROTEC T.
CHARGE
CEX.
CONTROL
LOGIC LV
OPEN LOAD
DETECTOR
CHARGE
PUMP
CURRENT
PROTECT.
POWER
DUAL DMOS
VREF
S H U N T
534
6
17
16
RCEX
8
REF. COMP.
CURRENT
BLOCK DIAGRAM
PowerSO20
L9639
FOLDER ACTUATOR
1/6


Similar Part No. - L9639

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
110 kV MICROFOCUS X-RAY SOURCE
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
SQUIB RESISTANCE MEASUREMENT
Oct-2004
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637 STMICROELECTRONICS-L9637 Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
L9637D STMICROELECTRONICS-L9637D Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
More results

Similar Description - L9639

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG413 KODENSHI-LG413 Datasheet
195Kb / 2P
With folder for lever installation
logo
Festo Corporation.
DGPL-25-400-PPV-A-B-KF FESTO-DGPL-25-400-PPV-A-B-KF Datasheet
97Kb / 1P
Linear actuator
DGPL-32-500-PPV-A-B-KF FESTO-DGPL-32-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-400-PPV-A-B-KF FESTO-DGPL-40-400-PPV-A-B-KF Datasheet
98Kb / 1P
Linear actuator
DRVS-16-270-P-EX4 FESTO-DRVS-16-270-P-EX4 Datasheet
96Kb / 2P
Rotary actuator
DRVS-25-90-P-EX4 FESTO-DRVS-25-90-P-EX4 Datasheet
95Kb / 2P
Rotary actuator
DRVS-25-180-P-EX4 FESTO-DRVS-25-180-P-EX4 Datasheet
96Kb / 2P
Rotary actuator
DRVS-32-270-P FESTO-DRVS-32-270-P Datasheet
93Kb / 1P
Rotary actuator
DRVS-40-270-P FESTO-DRVS-40-270-P Datasheet
92Kb / 1P
Rotary actuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com