Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2101 Datasheet(PDF) 39 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 39 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 35Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 36Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 37Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 38Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 39Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 40Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 41Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 42Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 43Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
Analysis
Probe
Cable Header and
Pin number
Logic
Analyzer
channel number
Signal name
Header 2 pin 3
CLK/16
GNT_L
5
no connect
7
15
REQ#
9
14
IDSEL#
11
13
WNODEV_L
13
12
ACK64# (DATA64)
15
11
TABORT_L
17
10
RETRY_L
19
9
WTARGET_L
21
8
WINITI_L
23
7
DVALID_L
25
6
SERR#
27
5
IDLE_L
29
4
PVALID_L
31
3
MABORT_L
33
2
CPERR_L
35
1
EOFT_L
37
0
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com