Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2101 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 12Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 13Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 14Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 15Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 16Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 17Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 18Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 19Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 20Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
The logic analyzer can be configured for PCI analysis by loading
the PCI configuration file. Loading this file will load the PCI Local
bus inverse assembler and configure your logic analyzer. To
load the configuration and inverse assembler:
1.
Install the PCI Active Analysis Probe software flexible
diskette in the disk drive of the logic analyzer.
2.
Configure the menu to “Load” the analyzer with the
appropriate configuration file (see table below).
3.
Execute the load operation to load the file into the logic
analyzer that the PCI Active Analysis Probe module is
connected to. DO NOT SELECT ALL OR SYSTEM.
Logic Analyzer
File
nam
e for
State
Anal
ysis
Comment
166x
P32M_66
0
32 bit Multiplexed - Analysis Probe PODS 1-4
connect to Logic Analyzer PODS 1-4
166x
P32D_66
0
32 bit Demultiplexed - Analysis Probe PODS
1-6 connect to Logic Analyzer PODS 1-6
166x
P64M_66
0
64-bit Multiplexed- Analysis Probe PODS 1-
4,7,8,11 to Logic Analyzer PODS 1-7
16550A
P32M_55
0
32 bit Multiplexed- Analysis Probe PODS 1-4
connect to Logic Analyzer PODS 1-4
16550A
P32D_55
0
32 bit Demultiplexed - Analysis Probe PODS
1-6 connect to Logic Analyzer PODS 1-6
16550A
P64AD55
0
32 bit address Demultiplexed and 64 bit data
Analysis Probe PODS 1-6,7,8 and 11
connect to Logic Analyzer PODS 1-6 on
the Master card and 1-3 on the Slave card
respectively.
16550A
P64M_55
0
64-bit Multiplexed - Analysis Probe PODS 1-
4,7,8,11 connect to LA PODS 1-6 on the
Master card and Pod 1 on the Slave card
respectively
16550A
P64D_55
0
64 bit Demultiplexed- Analysis Probe PODS 1-
11 connect to Logic Analyzer PODS 1-6
on the Master card and PODS 1-5 on the
Slave Card respectively
1655x,167x
P32M_55
5
32 bit Multiplexed - Analysis Probe PODS 1-4
connect to Logic Analyzer PODS 1-4
Setting up the
Analyzer from the
diskette



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com