Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2101 Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 16Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 17Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 18Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 19Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 20Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 21Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 22Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 23Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 24Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
RESRVD
0100
RESRVD
0101
MEM_RD
0110
MEM_WR
0111
RESRVD
1000
RESRVD
1001
CON_RD
1010
CON_WR
1011
MEMRDM
1100
DAC_CY
1101
MEMRDL
1110
MEMWRI
1111
I/O_XACTIONS
001X
MEM_XACTIONS
011X
CONFIG_XACTIONS
101X
The PCI Active Analysis Probe is a universal PCI short card that
attaches to Agilent logic analyzers. The Analysis Probe has five
major parts:
1.
The input buffers
2.
The latching buffers
3.
The interface to the logic analyzer
4.
The clocking and cycle bit generation logic
5.
The extender card connector
The input buffers present a single electrical load on the PCI bus
and are made up of IDT162260 tri-port buffers. The PCI clock is
buffered by a Motorola 807 high speed clock buffer.
When the Analysis Probe is in Timing mode output Port 2 of the
tri-port
buffers
goes
directly
to
the
logic
analyzer
input
terminators.
When in State mode output Port 2 is tri-stated.
Output port 1 is always enabled and goes to the latching buffers.
Theory of Operation
The Input Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com