Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QE-R Datasheet(PDF) 12 Page - Microchip Technology

Part # PL133-97QE-R
Description  Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97QE-R Datasheet(HTML) 12 Page - Microchip Technology

Back Button PL133-97QE-R Datasheet HTML 8Page - Microchip Technology PL133-97QE-R Datasheet HTML 9Page - Microchip Technology PL133-97QE-R Datasheet HTML 10Page - Microchip Technology PL133-97QE-R Datasheet HTML 11Page - Microchip Technology PL133-97QE-R Datasheet HTML 12Page - Microchip Technology PL133-97QE-R Datasheet HTML 13Page - Microchip Technology PL133-97QE-R Datasheet HTML 14Page - Microchip Technology PL133-97QE-R Datasheet HTML 15Page - Microchip Technology PL133-97QE-R Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PL133-97
DS20007036A-page 12
2025 Microchip Technology Inc. and its subsidiaries
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.20 REF
1.65
0.35
0.20
0.70
0.00
0.25
0.40
1.70
0.75
--
3.00 BSC
MILLIMETERS
MIN
NOM
16
1.75
4.45
0.30
0.80
0.05
MAX
K
0.25 REF
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
Exposed Pad Length
D
D2
1.65
3.00 BSC
1.70
1.75
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Microchip Technology Drawing C04-01264 Rev A
16-Lead Very, Very Thin Quad Flatpack No-Lead (Q) 3x3x0.8 mm Body [WQFN]
Package Code: NEA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com