Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QE-R Datasheet(PDF) 17 Page - Microchip Technology

Part # PL133-97QE-R
Description  Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97QE-R Datasheet(HTML) 17 Page - Microchip Technology

Back Button PL133-97QE-R Datasheet HTML 11Page - Microchip Technology PL133-97QE-R Datasheet HTML 12Page - Microchip Technology PL133-97QE-R Datasheet HTML 13Page - Microchip Technology PL133-97QE-R Datasheet HTML 14Page - Microchip Technology PL133-97QE-R Datasheet HTML 15Page - Microchip Technology PL133-97QE-R Datasheet HTML 16Page - Microchip Technology PL133-97QE-R Datasheet HTML 17Page - Microchip Technology PL133-97QE-R Datasheet HTML 18Page - Microchip Technology PL133-97QE-R Datasheet HTML 19Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS20007036A-page 17
PL133-97
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
Device:
PL133-97:
Low-Power DC to 160 MHz 1:9 Fanout Buffer
IC
Package:
Q
=
16-Lead 3 mm x 3 mmWQFN Package
Temperature Range: E
=
–40°C to +105°C
I
=
–40°C to +85°C
C
=
0°C to +70°C
Media Type:
(blank) =
20/Bag
R
=
3,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
a) PL133-97QE
Low-Power DC to 160 MHz 1:9
Fanout Buffer IC, WQFN Pack-
age, –40°C to +105°C, 20/Bag
b) PL133-97QE-R
Low-Power DC to 160 MHz 1:9
Fanout Buffer IC, WQFN Pack-
age, –40°C to +105°C,
3,000/Reel
c) PL133-97QI
Low-Power DC to 160 MHz 1:9
Fanout Buffer IC, WQFN Pack-
age, –40°C to +85°C, 20/Bag
d) PL133-97QI-R
Low-Power DC to 160 MHz 1:9
Fanout Buffer IC, WQFN Pack-
age, –40°C to +85°C,
3,000/Reel
e) PL133-97QC
Low-Power DC to 160 MHz 1:9
Fanout Buffer IC, WQFN Pack-
age, 0°C to +70°C, 20/Bag
f) PL133-97QC-R
Low-Power DC to 160 MHz 1:9
Fanout Buffer IC, WQFN Pack-
age, 0°C to +170°C,
3,000/Reel
PART NO.
X
X
-X
Device
Package
Temperature
Range
Media
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com