Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QE-R Datasheet(PDF) 13 Page - Microchip Technology

Part # PL133-97QE-R
Description  Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97QE-R Datasheet(HTML) 13 Page - Microchip Technology

Back Button PL133-97QE-R Datasheet HTML 9Page - Microchip Technology PL133-97QE-R Datasheet HTML 10Page - Microchip Technology PL133-97QE-R Datasheet HTML 11Page - Microchip Technology PL133-97QE-R Datasheet HTML 12Page - Microchip Technology PL133-97QE-R Datasheet HTML 13Page - Microchip Technology PL133-97QE-R Datasheet HTML 14Page - Microchip Technology PL133-97QE-R Datasheet HTML 15Page - Microchip Technology PL133-97QE-R Datasheet HTML 16Page - Microchip Technology PL133-97QE-R Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS20007036A-page 13
PL133-97
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y2
X2
1.75
1.75
MILLIMETERS
0.50 BSC
MIN
E
MAX
3.00
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
0.80
0.30
NOM
1
16
C1
Contact Pad Spacing
3.00
Contact Pad to Contact Pad (X12)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, pleease refer to current industry standard IPC-7093.
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X16)
G1
0.20
Microchip Technology Drawing C04-03264 Rev A
C1
C2
SILK SCREEN
X1
1
X
E
X2
Y2
16-Lead Very, Very Thin Quad Flatpack No-Lead (Q) 3x3x0.8 mm Body [WQFN]
Package Code: NEA
EV
EV
G2
G1
Y1
X1
ØV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com