Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9700 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9700
Description  HEX PRECISION LIMITER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9700 Datasheet(HTML) 1 Page - STMicroelectronics

  L9700 Datasheet HTML 1Page - STMicroelectronics L9700 Datasheet HTML 2Page - STMicroelectronics L9700 Datasheet HTML 3Page - STMicroelectronics L9700 Datasheet HTML 4Page - STMicroelectronics L9700 Datasheet HTML 5Page - STMicroelectronics L9700 Datasheet HTML 6Page - STMicroelectronics L9700 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L9700
November 1990
HEX PRECISION LIMITER
.
HIGH
PERFORMANCE
CLAMPING
AT
GROUND AND POSITIVE REFERENCE
VOLTAGE
.
FAST ACTIVE CLAMPING
.
OPERATING RANGE 4.75 - 5.25 V
.
SINGLE VOLTAGEFOR SUPPLY AND POSITI-
VE REFERENCE
.
LOW QUIESCENT CURRENT
.
LOW INPUT LEAKAGE CURRENT
DESCRIPTION
The L9700 is a monolithic circuit which is suited for
input protection and voltage clamping purpose.
The limiting function is referred to ground and the
positive supply voltage.
One single element contains six independentchan-
nels.
Very fast speed is achieved by internal feedback
and the application of a new vertical PNP-transistor
with isolated collector.
ORDERING NUMBER : L9700
Min idi p
BLOCK DIAGRAM
1/5
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - L9700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results

Similar Description - L9700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
logo
List of Unclassifed Man...
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
logo
STMicroelectronics
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014_15 Datasheet
311Kb / 13P
Hex non-inverting precision Schmitt-trigger
Rev. 3-30 April 2014
logo
Texas Instruments
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
LMP8646 Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
Precision Current Limiter
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
logo
Mini-Circuits
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
Limiter
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
Limiter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com