Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9700 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9700
Description  HEX PRECISION LIMITER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9700 Datasheet(HTML) 5 Page - STMicroelectronics

  L9700 Datasheet HTML 1Page - STMicroelectronics L9700 Datasheet HTML 2Page - STMicroelectronics L9700 Datasheet HTML 3Page - STMicroelectronics L9700 Datasheet HTML 4Page - STMicroelectronics L9700 Datasheet HTML 5Page - STMicroelectronics L9700 Datasheet HTML 6Page - STMicroelectronics L9700 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 3 : Typical Application.
The minimum value for CIN is determined by the ac-
curacy required, the time taken to sample the input
and the input impedance during that time, while the
maximum value is determined by the required fre-
quency response and the value of RS.
Thus for a resistive input A/D connector where :
TS =
Sample time (Seconds)
RD =
Device input resistance (Ohms)
VIN =
Input voltage (Volts)
k
=
Required accuracy (%)
Q1 =
Charge on capacitor before sampling
Q2 =
Charge on capacitor after sampling
ID =
Device input current (Amps)
Thus :
k
⋅ Q1
Q1–Q2 =
100
but
Q1 =CIN VIN
and
Q1–Q2 =ID –TS
k
⋅ CIN –VIN
so that
ID TS =
100
ID
⋅ TS
and
CIN (min) =
Farad
VIN
⋅ k
100
⋅ TS
so
CIN (min) =
Farad
k
⋅ RD
The calculationfor a sample and hold type convertor
is even simpler :
k
=
Required accuracy (%)
CH =
Hold capacitor (Farad)
100
⋅ CH
CIN (min) =
Farad
k
L9700
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com