Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9700 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9700
Description  HEX PRECISION LIMITER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9700 Datasheet(HTML) 4 Page - STMicroelectronics

  L9700 Datasheet HTML 1Page - STMicroelectronics L9700 Datasheet HTML 2Page - STMicroelectronics L9700 Datasheet HTML 3Page - STMicroelectronics L9700 Datasheet HTML 4Page - STMicroelectronics L9700 Datasheet HTML 5Page - STMicroelectronics L9700 Datasheet HTML 6Page - STMicroelectronics L9700 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 2 : Dynamical Input Characteristics (continued) .
2b
APPLICATION INFORMATION
Most integrated circuits, both HNMOS and bipolar,
are very sensitive to positive and negative overvol-
tages on the supply and at the inputs.
These transients occur in large numbers and with
different magnitudes in the automotive environ-
ment, making adequate protection for devices ai-
med at it indispensible.
Overvoltages on the supply line are faced through
high voltage integration technologies or through ex-
ternal protection (transil, varistor).
Signal inputsare generally protected using clampdi-
odes to the supply and ground, and a current limi-ter
resistor. However, such solutions do not always
completely satisfy the protection specifications in
terms of intervention speed, negative clamping and
current leakage high enough to change analog si-
gnals.
The L9700 device combines a high intervention
speed with a high precision positive and negative
clamp and a low current leakage providing the opti-
mal solution to the problems of the automotive en-
vironment.
The high intervention speed, due to the pre-bias of
the limiter stage and internal feedback, limits the
voltage overshoot and avoid the use of external ca-
pacitors for the limitation of the transient rise times.
Figure 3 illustrates a typical automotive application
scheme. The resistor RS limits the input current of
the device and is therefore dimensioned consider-
ing the characteristics of the transients to be elimi-
nated. Consequently :
Vtransient Peak
RS =
IIN MAX
The CIN capacitors must be used only on analog in-
puts because they present a low impedance during
the sampling period.
L9700
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com