Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78S05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 78S05
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78S05 Datasheet(HTML) 1 Page - STMicroelectronics

  78S05 Datasheet HTML 1Page - STMicroelectronics 78S05 Datasheet HTML 2Page - STMicroelectronics 78S05 Datasheet HTML 3Page - STMicroelectronics 78S05 Datasheet HTML 4Page - STMicroelectronics 78S05 Datasheet HTML 5Page - STMicroelectronics 78S05 Datasheet HTML 6Page - STMicroelectronics 78S05 Datasheet HTML 7Page - STMicroelectronics 78S05 Datasheet HTML 8Page - STMicroelectronics 78S05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
L78S00
SERIES
January 1993
2A POSITIVE VOLTAGE REGULATORS
.
OUTPUT CURRENT TO 2A
.
OUTPUT VOLTAGES OF 5 ; 7.5 ; 9 ; 10 ; 12 ; 15 ;
18 ; 24V
.
THERMAL OVERLOAD PROTECTION
.
SHORT CIRCUIT PROTECTION
.
OUTPUT TRANSISTOR SOA PROTECTION
DESCRIPTION
The L78S00 series of three-terminal positive regu-
lators is available in TO-220 and TO-3 packages
and with several fixed output voltages, making it
useful in a wide range of applications. These regu-
lators can provide local on-card regulation, eliminat-
ing the distribution problems associated with single
point regulation. Each type employs internal current
limiting, thermal shut-down and safe area protec-
tion, making it essentially indestructible. If adequate
heat sinking is provided, they can deliver over 2A
output current. Although designed primarily as fixed
voltage regulators, these devices can be used with
external components to obtain adjustable voltages
and currents.
TO-220
BLOCK DIAGRAM
TO-3
1/21


Similar Part No. - 78S05

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
Adaptor 1.6/5.6 PLUG ??JACK - PLUG
logo
National Semiconductor ...
78S40 NSC-78S40 Datasheet
289Kb / 10P
Universal Switching Regulator Subsystem
logo
ON Semiconductor
78S40 ONSEMI-78S40 Datasheet
124Kb / 8P
UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Bi technologies
78SBWR100KLF BITECH-78SBWR100KLF Datasheet
62Kb / 4P
1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
78SBWR100LF BITECH-78SBWR100LF Datasheet
62Kb / 4P
1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 78S05

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com