Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L98SI Datasheet(PDF) 3 Page - STMicroelectronics

Part # L98SI
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L98SI Datasheet(HTML) 3 Page - STMicroelectronics

  L98SI Datasheet HTML 1Page - STMicroelectronics L98SI Datasheet HTML 2Page - STMicroelectronics L98SI Datasheet HTML 3Page - STMicroelectronics L98SI Datasheet HTML 4Page - STMicroelectronics L98SI Datasheet HTML 5Page - STMicroelectronics L98SI Datasheet HTML 6Page - STMicroelectronics L98SI Datasheet HTML 7Page - STMicroelectronics L98SI Datasheet HTML 8Page - STMicroelectronics L98SI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VCC
Logic supply voltage - nominally 5V
GROUND
Device Ground.This ground applies for the logic cir-
cuits as well as the power output stages.
RESET
Asynchronousreset for the outputstages,the paral-
lel latch and the shift register inside the L98SI. This
pin is active low and it must not be left floating. A po-
wer on clear function may be implemented connec-
ting this pin to VCC with an external resistor and to
ground with an external capacitor.
CE
Chip Enable. Data is transferred from the shift regi-
sters to the outputs on the rising edge of this signal.
The falling edge of this signal sets the shift register
with the output voltage sense bits coming from the
output stages. The output driver for the SO pin is
enabled when this pin is low.
SO
Serial Output. This pin is the serial output from the
shift register and it is tri-stated when CE is high. A
high for a data bit on this pin indicates that the par-
ticular output is high. A low on this pin for a data bit
indicates that the output is low.
Comparing the serial output bits with the previous
serial input bits the external microcontroller imple-
ments the diagnostic data supplied by the L98SI.
SI
Serial Input. This pin is the serial data input. A high
on thispin will program a particular outputto be OFF,
while a low will turn it ON.
SCLK
Serial Clock. This pin clocks the shift register. New
SO data will appear on every rising edge of this pin
and new SI data will be latched on every SCLK’s fal-
ling edge into the shift register.
OUTPUTS 00-07
Power output pins. The input and outputbits corres-
pondingto 07 are sent and received first via the SPI
bus and 00 is the last. The outputsare provided with
current limiting and voltage sense functions for fault
indication and protection. The nominal load current
for these outputs is 500mA, but the current limiting
is set to a minimum of 1.05A.The outputsalso have
on board clamps set at about 36V for recirculation
of inductive load current.
PIN DESCRIPTION
ELECTRICAL CHARACTERISTICS (VCC =5V
± 5%. Tj = – 40 to 125°C ; unless otherwise speciifed)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOC
Output Clamping Volt.
IO = 0.5A, Output Programmed OFF
30
40
V
IOleak
Out. Leakage Current
VO = 24V, Output Progr. OFF
1
mA
RDSon
On Resistance
Output Progr. ON
IO = 0.5A
IO = 0.8A
IO =1A
With Fault Reset Disabled
0.55
0.55
0.55
1
1
1
IOL
Out. Self Limiting
Current
Output Progr. ON
1.05
A
tPHL
Turn-on Delay
IO = 500mA
No Reactive Load
10
µs
tP
Turn-off Delay
IO = 500mA
No Reactive Load
10
µs
VOREF
Fault Refer. Voltage
Output Progr. OFF
Fault detected if VO >VOREF
1.6
2
V
tUD
Fault Reset Delay
(after CE L to H
transition)
See fig. 3
75
250
µs
VOFF
Output OFF Voltage
Output Pin Floating.cOutput Progr. OFF,
1.0
V
L98SI
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com