Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L98SI Datasheet(PDF) 1 Page - STMicroelectronics

Part # L98SI
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L98SI Datasheet(HTML) 1 Page - STMicroelectronics

  L98SI Datasheet HTML 1Page - STMicroelectronics L98SI Datasheet HTML 2Page - STMicroelectronics L98SI Datasheet HTML 3Page - STMicroelectronics L98SI Datasheet HTML 4Page - STMicroelectronics L98SI Datasheet HTML 5Page - STMicroelectronics L98SI Datasheet HTML 6Page - STMicroelectronics L98SI Datasheet HTML 7Page - STMicroelectronics L98SI Datasheet HTML 8Page - STMicroelectronics L98SI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L98SI
OCTAL SERIAL SOLENOID DRIVER
.
EIGHT LOW RDSon DMOS OUTPUTS
(0.5
Ω AT IO =1A @ 25°CVCC =5V± 5%)
.
8 BIT SERIAL INPUT DATA (SPI)
.
8 BIT SERIAL DIAGNOSTIC OUTPUT FOR
OVERLOADAND OPENCIRCUIT CONDITIONS
.
OUTPUT SHORT CIRCUIT PROTECTION
.
CHIP ENABLE SELECT FUNCTION (active low)
.
INTERNAL 36V CLAMPING FOR EACH OUT-
PUT
.
CASCADABLE
WITH
ANOTHER
OCTAL
DRIVER
.
LOW QUIESCENT CURRENT (10mA MAX.)
.
PACKAGE PowerSO20
DESCRIPTION
The L98SI is an octal low side solenoiddriver rea
lized in Multipower-BCD technologyparticularlysui-
ted for driving lamps, relays and solenoids in indu-
BLOCK DIAGRAM
PowerSO20
ORDERING NUMBER: L98SI
strial environment. The L98SI DMOS outputshave
very low power consumption.
Data is transmitted serially to the device using the
Serial Peripheral Interface (SPI) protocol.
The L98SI features the outputs status monitoring
function.
MULTIPOWER BCD TECHNOLOGY
April 1998
1/9


Similar Part No. - L98SI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9800 STMICROELECTRONICS-L9800 Datasheet
3Mb / 55P
Automotive 8-channel LS driver
01-Aug-2024
L9800-TR STMICROELECTRONICS-L9800-TR Datasheet
3Mb / 55P
Automotive 8-channel LS driver
01-Aug-2024
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
HIGH SIDE DRIVER
L9801A STMICROELECTRONICS-L9801A Datasheet
346Kb / 7P
HIGH SIDE DRIVER
L9803 STMICROELECTRONICS-L9803 Datasheet
1Mb / 126P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
09-Jun-2006
More results

Similar Description - L98SI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-1997
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com