Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L98SI Datasheet(PDF) 6 Page - STMicroelectronics

Part # L98SI
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L98SI Datasheet(HTML) 6 Page - STMicroelectronics

  L98SI Datasheet HTML 1Page - STMicroelectronics L98SI Datasheet HTML 2Page - STMicroelectronics L98SI Datasheet HTML 3Page - STMicroelectronics L98SI Datasheet HTML 4Page - STMicroelectronics L98SI Datasheet HTML 5Page - STMicroelectronics L98SI Datasheet HTML 6Page - STMicroelectronics L98SI Datasheet HTML 7Page - STMicroelectronics L98SI Datasheet HTML 8Page - STMicroelectronics L98SI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
shift register (into the SI pin and out the SO pin), al-
lowing theotherSPI devicesto becascadedin a dai-
sy chain with the L98SI.
CE Low to High Transition
Once the last data bit has been shifted into the
L98SI, the CE pin should be pulled high.
At the rising edge of CE the shift register data is lat-
ched into the parallel latch and the outputstageswill
be actuated by the new data. An internal 160
µsde-
lay timer will also be started at this rising edge (see
tUD). During the 160
µs period, the outputs will be
protected only by the analog current limiting circuits
since the resetting of the parallel latches by faults
conditionswill be inhibited duringthis period.This al-
lows the part to overcome any high inrush currents
that may flow immediately after turn on. Once the
delay period has elapsed, the output voltages are
sensed by the comparators and any output with vol-
tageshigher than 1.8V arelatched OFF. It shouldbe
noted that the SCLK pin should be low at both tran-
sitions of the CE pin to avoid any false clocking of
the shift register. The SCLK input is gatedby the CE
pin, so that the SCLK pin is ignored whenever the
CE pin is high.
FAULT CONDITIONS CHECK
Checking for fault conditions may be done in the fol-
lowing way. Clock in a new control byte. Wait 160
microseconds or so to allow the outputs to settle.
Clock in thesame controlbyte and observethe diag-
nostic data that comes out of the device. The diag-
nostic bits should be identical to the bits that were
first clocked in. Any differenceswould point to a fault
on that output.If the outputwas programmed ON by
clocking in a zero, and a one came back as the dia-
gnosticbit forthat output,the outputpinwasstill high
and a short circuit or overload condition exists. If the
output was programmed OFF by clocking in a one,
and a zero came back as the diagnostic bit for that
output, nothing had pulled the output pin high and it
Figure 1 : Byte Timing with Asynchronous Reset.
L98SI
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com