Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907N Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9907N
Description  MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907N Datasheet(HTML) 2 Page - STMicroelectronics

  L9907N Datasheet HTML 1Page - STMicroelectronics L9907N Datasheet HTML 2Page - STMicroelectronics L9907N Datasheet HTML 3Page - STMicroelectronics L9907N Datasheet HTML 4Page - STMicroelectronics L9907N Datasheet HTML 5Page - STMicroelectronics L9907N Datasheet HTML 6Page - STMicroelectronics L9907N Datasheet HTML 7Page - STMicroelectronics L9907N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VSDC
DC Supply Voltage
26
V
VSP
Supply Voltage Pulse (T
≤ 400ms)
50
V
IOUT_DC
DC Output Current
±0.4
A
IOUT_P
Output Current Pulsed (100ms)
0.8
A
IIN
DC Input Current
±10
mA
IIN
Input Current Pulse (2ms)
±40
mA
Ts
Storage Shutdown Junction Temperature Range (*)
150
°C
(*) Recommended maximal Tamb
≤ 105°C
THERMAL DATA
Symbol
Parameter
SO20L
Unit
Rth j-amb
Thermal Resistance Junction-ambient (1)
50
°C/W
Rth j-pins
Thermal Resistance Junction-pins
15
°C/W
(1) with 6cm
2 on board heat sink area
V
S
OUTC
N.C.
GND
GND
GND
GND
N.C.
INC
INF
N.C.
GND
GND
GND
GND
N.C.
OUTF
N.C.
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
PR
N.C.
D95AT181
PIN CONNECTION
L9907N
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com