Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9907N
Description  MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907N Datasheet(HTML) 5 Page - STMicroelectronics

  L9907N Datasheet HTML 1Page - STMicroelectronics L9907N Datasheet HTML 2Page - STMicroelectronics L9907N Datasheet HTML 3Page - STMicroelectronics L9907N Datasheet HTML 4Page - STMicroelectronics L9907N Datasheet HTML 5Page - STMicroelectronics L9907N Datasheet HTML 6Page - STMicroelectronics L9907N Datasheet HTML 7Page - STMicroelectronics L9907N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
An external resistor RCF is recommended be-
tween the slider of the control and feedback po-
tentiometer.
This resistor assures that in the case of input con-
trol or input feedback wire interruption the input
differential voltage will be within the NEUTRAL
ZONE and the motor position remains frozen.
The circuit features an overvoltage disable func-
tion referred to the supply voltage VS higher than
18V, both outputs are forced to tristate in this con-
dition.
The thermal overload function disables the out-
puts (tristate) when the junction temperature in-
creases above the thermal shutdown threshold
temperature of min. 150
°C.
For the start of a heavy loaded motor, if the motor
current reaches the max. value it is necessary to
respect the dynamical thermal resistance junction
to ambient. The maximum output current is 0.8A.
The maximum junction temperature in this phase
should not increase above the thermal shutdown
threshold. In case of output disable due to ther-
mal overload the output remains disabled till the
junction temperature decreases under the thermal
enable threshold. This behaviour is assured with
the thermal shutdown hysteresis threshold , which
minimum value is 20
°C.
Figure 3, 5 and 7 show typical application dia-
grams for headlight adjustment applications. To
assure the safety of the circuits in the reverse bat-
tery condition a reverse protection diode D1,is
necessary.
The input currents in this condition are limited by
the resistors RINC and RINF. The transient protec-
tion diode D2 must assure that the maximum rat-
ing for VS during the transients at VBAT line will be
limited to a value lower than absolute maximum
VBAT
VS -2V
1.5V
VF
0
1.5V
VS -2V
VBAT
VC
D95AT185A
Figure 4: Control to feedbacktransfer characteristic
for proportionalregulation with extended
VC operating range:
D1
D2
CS
IQ
RC
VINC
RINF
RINC1
RPR
RINC2
PR
L9907N
IINC
INC
VINF
IINF
INF
VS
RF
VC
VF
GND
OUT C
OUT F
M
VM
IM
VBAT
D95AT186
MODULE
Figure 5: RecommendedApplication Circuit Diagram with L9907N for proportional regulation with extended
VC operating range. For ideal adjusted condition VF
=
RINC2
RINC1
+ RINC2
⋅ VC:
Note:
Recommended value of RINC,RINF (equivalent input resistance to INC and INF)is 5K
Ω to 10KΩ. If themotor should not change its position, when
the control signal wire become open, RINC1 and RINC2 should be rated so that VINC
≤ 0.4V in this condition.
L9907N
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com