Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907N Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9907N
Description  MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907N Datasheet(HTML) 1 Page - STMicroelectronics

  L9907N Datasheet HTML 1Page - STMicroelectronics L9907N Datasheet HTML 2Page - STMicroelectronics L9907N Datasheet HTML 3Page - STMicroelectronics L9907N Datasheet HTML 4Page - STMicroelectronics L9907N Datasheet HTML 5Page - STMicroelectronics L9907N Datasheet HTML 6Page - STMicroelectronics L9907N Datasheet HTML 7Page - STMicroelectronics L9907N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L9907N
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
FULL BRIDGE OUTPUT CONFIGURATION
WITH LOW SATURATION VOLTAGE LESS
THAN 3.2V AT OUTPUT CURRENT 0.7A
OPERATING SUPPLY VOLTAGE RANGE 7V
TO 18V. SUPPLY OVERVOLTAGEUP TO 50V
HIGH POSITIONING PRECISION AND HIGH
NOISE
IMMUNITY
DUE TO
TRANSFER
CHARACTERISTICS WITH NEUTRAL ZONE
AND STOP RANGE THRESHOLD
FAST STOP THROUGH SHORT-CIRCUITING
THE MOTOR
MOTOR STOP STATUS IN CASE OF OPEN
INPUT CONDITION
SUPPLY
OVERVOLTAGE
PROTECTION
FUNCTION FOR Vs MORE THAN 18V, UP
TO 50V
INPUT
PROTECTION
AGAINST
TRAN-
SIENTS ON THE BATTERY LINE AND THE
REVERSE BATTERY CONDITION
THERMAL OVERLOAD PROTECTION
ESD PROTECTED ACCORDING TO MIL883C
DESCRIPTION
The L9907N is a monolithic integrated power
comparator with full bridge output configuration,
intended for driving DC motors in positioning sys-
tems, optimized for headlight adjustment applica-
tion and respecting the automotive electronics en-
vironmental conditions.
December 1996
-
1.2V
VINC
RPR
PR
L9907N
IINC
INC
VINF
IINF
INF
VS
GND
OUT C
OUT F
M
IM
D95AT189
=
=
REFERENCE
BIAS
PROTECTION
FUNCTIONS
=
+
=
-
+
=
=
1.2V
=
VS
BLOCK DIAGRAM
ORDERING NUMBER: L9907ND (SO20L)
SO20L(12+4+4)
1/8


Similar Part No. - L9907N

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9907 HAMAMATSU-L9907 Datasheet
50Kb / 2P
Red LED AlGaInP resonant cavity LED for POF data communication
logo
STMicroelectronics
L9907 STMICROELECTRONICS-L9907 Datasheet
860Kb / 49P
Automotive FET driver for 3 phase BLDC motor
27-Apr-2021
L9907TR STMICROELECTRONICS-L9907TR Datasheet
860Kb / 49P
Automotive FET driver for 3 phase BLDC motor
27-Apr-2021
L9907 STMICROELECTRONICS-L9907_V01 Datasheet
860Kb / 49P
Automotive FET driver for 3 phase BLDC motor
27-Apr-2021
More results

Similar Description - L9907N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4206-4G INFINEON-TLE4206-4G Datasheet
362Kb / 16P
H-Bridge Driver Headlight Beam Controller
Rev. 1.0, 2010-08-05
logo
American Zettler, Inc.
AZ992 AZETTLER-AZ992 Datasheet
141Kb / 2P
Designed for Headlight control, Fuel pump control
logo
OSRAM GmbH
XT12VD1G5BH35W OSRAM-XT12VD1G5BH35W Datasheet
145Kb / 3P
ECG for automotive gas discharge headlight lamps
logo
Lumileds Lighting Compa...
DS131 LUMILEDS-DS131 Datasheet
1Mb / 18P
Integrated functionality for headlight solutions
PB131 LUMILEDS-PB131 Datasheet
1Mb / 2P
Integrated functionality for headlight solutions
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
LED Headlight
HD7L33AE ENERGIZER-HD7L33AE Datasheet
272Kb / 1P
7-LED Headlight
HDL33AINE ENERGIZER-HDL33AINE Datasheet
432Kb / 1P
6 LED Headlight
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
Brilliant Beam Headlight
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com