Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 2Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 3Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG3242
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
40
0
03.5
VA/VB (V)
35
30
25
20
15
10
5
20
0
02.0
VA/VB (V)
0.51.0
1.5
2.0
2.53.0
VCC = 3V
VCC = 3.3V
VCC = 3.6V
TA = 25°C
SEL = VCC
Figure 4. On Resistance vs. Input Voltage
40
0
03.0
VA/VB (V)
35
30
25
20
15
10
5
0.5
1.0
1.5
2.0
2.5
VCC = 2.3V
VCC = 2.5V
VCC = 2.7V
TA = 25°C
SEL = VCC
Figure 5. On Resistance vs. Input Voltage
40
0
03.5
VA/VB (V)
35
30
25
20
15
10
5
0.51.0
1.5
2.0
2.53.0
VCC = 3V
VCC = 3.3V
VCC = 3.6V
TA = 25°C
SEL = 0V
Figure 6. On Resistance vs. Input Voltage
+85°C
+25°C
–40°C
15
10
5
0.5
1.0
1.5
VCC = 3.3V
SEL = VCC
Figure 7. On Resistance vs. Input Voltage for Different Temperatures
15
0
01.2
VA/VB (V)
+85°C
+25°C
–40°C
0.5
1.0
10
5
VCC = 2.5V
SEL = VCC
Figure 8. On Resistance vs. Input Voltage for Different Temperatures
3.0
0
03.5
VA/VB (V)
0.5
1.0
1.5
2.0
2.5
3.0
VCC = 3.6V
VCC = 3.3V
VCC = 3V
2.5
2.0
1.5
1.0
0.5
TA = 25°C
SEL = VCC
IO = –5µA
Figure 9. Pass Voltage vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com