Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG3242
Rev. A | Page 8 of 16
2
–8
0.03
1000
FREQUENCY (MHz)
1
0
–1
–2
–3
–4
–5
–6
–7
1
0.1
10
100
TA = 25°C
VCC = 3.3V/2.5V
SEL = VCC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50Ω
Figure 16. Bandwidth vs. Frequency
0
–100
0.03
1000
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
10
100
TA = 25°C
VCC = 3.3V/2.5V
SEL = VCC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50Ω
Figure 17. Crosstalk vs. Frequency
0
–100
0.1
1000
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
110
100
TA = 25°C
VCC = 3.3V/2.5V
SEL = VCC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50Ω
Figure 18. Off Isolation vs. Frequency
4.0
0
–40
80
TEMPERATURE (°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–20
0
20
40
60
ENABLE
VCC = SEL = 3.3V
VCC = 3.3V; SEL = 0V
DISABLE
Figure 19. Enable/Disable Time vs. Temperature
4.0
0
–40
80
TEMPERATURE (°C)
VCC = SEL = 2.5V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–20
0
20
40
60
DISABLE
ENABLE
Figure 20. Enable/Disable Time vs. Temperature
100
90
80
70
60
50
40
30
20
10
0
0.5
1.9
1.7
1.5
1.3
1.1
0.9
0.7
DATA RATE (Gbps)
VCC = SEL = 3.3V
VIN = 1.5V p-p
20dB ATTENUATION
Figure 21. Jitter vs. Data Rate; PRBS 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com