Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 12Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 13Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 14Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 15Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG3242
Rev. A | Page 12 of 16
BUS SWITCH APPLICATIONS
MIXED VOLTAGE OPERATION, LEVEL
TRANSLATION
Bus switches provide an ideal solution for interfacing between
mixed voltage systems. The ADG3242 is suitable for applications
where voltage translation from 3.3 V technology to a lower voltage
technology is needed. This device translates from 3.3 V to 1.8 V,
from 2.5 V to 1.8 V, or from a bidirectional 3.3 V directly to 2.5 V.
Figure 28 shows a block diagram of a typical application in which a
user needs to interface between a 3.3 V ADC and a 2.5 V micro-
processor. The microprocessor does not have 3.3 V tolerant inputs,
therefore, placing the ADG3242 between the two devices allows
the devices to communicate easily. The bus switch directly connects
the two blocks, therefore introducing minimal propagation delay,
timing skew, or noise.
3.3V ADC
2.5V
3.3V
2.5V
MICROPROCESSOR
3.3V
Figure 28. Level Translation Between a 3.3 V ADC and a 2.5 V Microprocessor
3.3 V TO 2.5 V TRANSLATION
When VCC is 3.3 V (SEL = 3.3 V) and the input signal range is
0 V to VCC, the maximum output signal is clamped to within a
voltage threshold below the VCC supply. In this case, the output
is limited to 2.5 V, as shown in Figure 30. This device can be used
for translation from 2.5 V to 3.3 V devices and also between two
3.3 V devices.
ADG3242
2.5V
2.5V
3.3V
2.5V
3.3V
Figure 29. 3.3 V to 2.5 V Voltage Translation, SEL = VCC
VIN
2.5V
VOUT
0V
3.3V
SWITCH
INPUT
3.3V SUPPLY
SEL = 3.3V
Figure 30. 3.3 V to 2.5 V Voltage Translation, SEL = VCC
2.5 V TO 1.8 V TRANSLATION
When VCC is 2.5 V (SEL = 2.5 V) and the input signal range is
0 V to VCC, the maximum output signal is also clamped within
a voltage threshold below the VCC supply. In this case, the output
is limited to approximately 1.8 V, as shown in Figure 32.
ADG3242
1.8V
2.5V
2.5V
Figure 31. 2.5 V to 1.8 V Voltage Translation, SEL = 2.5 VCC
VIN
1.8V
VOUT
0V
2.5V
SWITCH
INPUT
2.5V SUPPLY
SEL = 2.5V
Figure 32. 2.5 V to 1.8 V Voltage Translation, SEL = VCC
3.3 V TO 1.8 V TRANSLATION
The ADG3242 offers the option of interfacing between a 3.3 V
device and a 1.8 V device. This is possible through use of the SEL
pin. The SEL pin is an active low control pin. SEL activates inter-
nal circuitry in the ADG3242 that allows voltage translation
between 3.3 V devices and 1.8 V devices.
When VCC is 3.3 V and the input signal range is 0 V to VCC, the
maximum output signal is clamped to 1.8 V, as shown in Figure 34.
To do this, the SEL pin must be tied to Logic 0. If SEL is unused,
it can be tied directly to VCC.
ADG3242
1.8V
3.3V
3.3V
Figure 33. 3.3 V to 1.8 V Voltage Translation, SEL = 0 V
VIN
1.8V
VOUT
0V
3.3V
SWITCH
INPUT
3.3V SUPPLY
SEL = 0V
Figure 34. 3.3 V to 1.8 V Voltage Translation, SEL = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com