Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1511D Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCDP1511D
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1511D Datasheet(HTML) 3 Page - STMicroelectronics

  LCDP1511D Datasheet HTML 1Page - STMicroelectronics LCDP1511D Datasheet HTML 2Page - STMicroelectronics LCDP1511D Datasheet HTML 3Page - STMicroelectronics LCDP1511D Datasheet HTML 4Page - STMicroelectronics LCDP1511D Datasheet HTML 5Page - STMicroelectronics LCDP1511D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Symbol
Test conditions
Max
Unit
VF
Square pulse : tp = 500
µsIF =1A
2V
VFP
(note 1)
10/700
µs
1.2/50
µs
2/10
µs
1kV
1.5kV
2.5kV
RP =60
RP =60
RP = 245
IPP = 10A
IPP = 15A
IPP = 10A
5
10
20
V
note 1 : see test circuit for VFP,RP is the protection resistor located on the line card
PARAMETERS RELATED TO THE DIODE LINE / GND (Tamb =25
°C)
Symbol
Test conditions
Max
Unit
IRM
VGATE/ LINE = -1V
VRM = -75V
5
µA
C
VR = -3V
F = 1MHz
VR = -48V F = 1MHz
200
100
pF
PARAMETERS RELATED TO LINE / GND (Tamb =25
°C)
Symbol
Test conditions
Min
Max
Unit
IGT
VGND / LINE = -48V
5mA
IH
VGATE = -48V (see note 2)
150
mA
VGT
at IGT
2.5
V
IRG
VRG = -75V
5
µA
VDGL
VGATE = -48V (see note 3)
10/700
µs
1.2/50
µs
2/10
µs
1kV
1.5kV
2.5kV
RP =60
RP =60
RP =245
IPP = 10A
IPP = 15A
IPP = 10A
7
15
20
V
note 2 : see functional holding current test circuit
note 3 : See test circuit for VDGL
The oscillations with a time duration lower than 50ns are not taken into account
PARAMETERS RELATED TO THE PROTECTION THYRISTOR (Tamb =25
°C)
0.01
0.10
1.00
10.00
100.00
1000.00
0
1
2
3
4
5
6
7
t(s)
ITSM(A)
F=50Hz
Tj initial=25
°C
Fig. 1: Surge peakcurrent versus overloadduration.
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj(
°C)
IH[Tj] / IH[Tj=25
°C]
Fig. 2: Relative variation of holding current versus
junction temperature.
LCDP1511D
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com