Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1511D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCDP1511D
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1511D Datasheet(HTML) 4 Page - STMicroelectronics

  LCDP1511D Datasheet HTML 1Page - STMicroelectronics LCDP1511D Datasheet HTML 2Page - STMicroelectronics LCDP1511D Datasheet HTML 3Page - STMicroelectronics LCDP1511D Datasheet HTML 4Page - STMicroelectronics LCDP1511D Datasheet HTML 5Page - STMicroelectronics LCDP1511D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pulse (
µs)
Vp
C1
C2
LR1
R2
R3
R4
IPP
Rp
tr
tp
(V)
(
µF)
(nF)
(
µH)
(
Ω)(Ω)(Ω)(Ω)
(A)
(
Ω)
10
700
1000
20
200
0
50
15
25
25
10
60
1.2
50
1500
1
33
0
76
13
25
25
15
60
2
10
2500
10
0
1.1
1.3
0
3
3
10
245
TEST CIRCUIT FOR VFP AND VDGL PARAMETERS
This is a GO-NO GO test which allows to confirm the holding current (IH) level in a functional test circuit.
TEST PROCEDURE :
- Adjust the current level at the IH value by short circuiting the D.U.T.
- Fire the D.U.T. with a surge current : IPP = 15A, 10/1000
µs.
- The D.U.T. will come back to the off-state within a duration of 50ms max.
CC
R
R
TIP
RING
GND
VP
4
3
2
R 2
R1
(V is defined in unload condition)
P
L
1
R
-VP
V
BAT
-48 V
=
Surge generator
D.U.T.
FUNCTIONAL HOLDING CURRENT (IH) TEST CIRCUIT : GO-NO GO TEST
LCDP1511D
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com