Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1511D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCDP1511D
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1511D Datasheet(HTML) 1 Page - STMicroelectronics

  LCDP1511D Datasheet HTML 1Page - STMicroelectronics LCDP1511D Datasheet HTML 2Page - STMicroelectronics LCDP1511D Datasheet HTML 3Page - STMicroelectronics LCDP1511D Datasheet HTML 4Page - STMicroelectronics LCDP1511D Datasheet HTML 5Page - STMicroelectronics LCDP1511D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LCDP1511D
®
September 1999 - Ed:2A
DUAL LINE PROGRAMMABLE TRANSIENT
VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
SO8
Dual line programmable transient suppressor
Wide negative firing voltage range : VMGL = -80V
Low dynamic switching voltages : VFP and VDGL
Low gate triggering current : IGT = 5mA max
Peak pulse current : IPP = 15 A (10/1000
µs)
Holding current : IH > 150 mA
FEATURES
The LCDP1511D is a dual line protector which pro-
tects subscriber line interface circuits (SLIC)
against transient overvoltages.
Positive overvoltages are clamped with diodes to-
wards GND, while negative overvoltages are sup-
pressed by thyristors connected to GND. The
breakdown voltage of the thyristors is determined
by the voltage applied to the gate, generally -Vbat.
DESCRIPTION
Application Specific Discretes
A.S.D.
TM
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
ITU-T K20
1000
10/700
5/310
25
-
VDE0433
2000
10/700
5/310
25
40
VDE0878
1500
1.2/50
1/20
40
-
IEC1000-4-5
level 2
level 2
10/700
1.2/50
5/310
8/20
25
25
-
-
FCC Part 68
1500
800
10/160
10/560
10/160
10/560
30
20
-
5
BELLCORE NWT-001089-CORE
2500
1000
2/10
10/1000
2/10
10/1000
70
15
25
45
TIP 1
RING 1
8
1
TIP 2
RING 2
5
4
GATE
GATE
2
3
GND
GND
7
6
FUNCTIONAL DIAGRAM
1/6


Similar Part No. - LCDP1511D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
Dual line programmable transient voltage suppressor for SLIC protection
09-Feb-2017
More results

Similar Description - LCDP1511D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
Dual line programmable transient voltage suppressor for SLIC protection
09-Feb-2017
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com