Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-RMC-D12 Datasheet(PDF) 3 Page - SICK AG

Part # BEF-RMC-D12
Description  FORK SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-RMC-D12 Datasheet(HTML) 3 Page - SICK AG

  BEF-RMC-D12 Datasheet HTML 1Page - SICK AG BEF-RMC-D12 Datasheet HTML 2Page - SICK AG BEF-RMC-D12 Datasheet HTML 3Page - SICK AG BEF-RMC-D12 Datasheet HTML 4Page - SICK AG BEF-RMC-D12 Datasheet HTML 5Page - SICK AG BEF-RMC-D12 Datasheet HTML 6Page - SICK AG BEF-RMC-D12 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UFS3-37B417 | UFS
FORK SENSORS
Switching frequency
1.1 kHz 4)
Response time
440 µs 5)
Jitter
40 µs
Switching output
Push-pull: PNP/NPN
Switching output (voltage)
Push-pull: PNP/NPN High = UV - < 2 V/Low: ≤ 2 V
Switching mode
Light/dark switching
Output current Imax.
100 mA 6)
Initialization time
100 ms
Connection type
Male connector M8, 4-pin
Protection class
III 7)
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP65
Weight
Approx. 100 g
Housing material
Metal, plastic, Zamak, Glass fiber reinforced plastic
Indication
LED indicator green: power on
LED indicator, yellow: Status switching output Q
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Output current minimal 0.03 mA.
7) Reference voltage DC 50 V.
Communication interface
IO-Link
✔, V1.1
Data transmission rate COM3 (230,4 kBaud)
Cycle time 4 ms
VendorID 26
DeviceID HEX 0x8002A6
DeviceID DEC 8389286
Process data length 16 Bit
Process data structure A
Bit 0 = switching signal QL1
Bit 1 = switching signal QL2
Bit 2 = switching signal QInt1
Bit 3 = switching signal QInt2
Bit 4 = alarm QoR
Bit 5 = Teach busy
Bit 6 … 15 = measured value
Digital output
Q1
Number 1
2024-03-28 09:44:02 | Product data sheet
Subject to change without notice
FORK SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com