Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-RMC-D12 Datasheet(PDF) 6 Page - SICK AG

Part # BEF-RMC-D12
Description  FORK SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-RMC-D12 Datasheet(HTML) 6 Page - SICK AG

  BEF-RMC-D12 Datasheet HTML 1Page - SICK AG BEF-RMC-D12 Datasheet HTML 2Page - SICK AG BEF-RMC-D12 Datasheet HTML 3Page - SICK AG BEF-RMC-D12 Datasheet HTML 4Page - SICK AG BEF-RMC-D12 Datasheet HTML 5Page - SICK AG BEF-RMC-D12 Datasheet HTML 6Page - SICK AG BEF-RMC-D12 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UFS3-37B417 | UFS
FORK SENSORS
Pin assignment
Connection type. see table: Connection/PIN assignment
4
3
2
1
Male connector, M8, 4-pin, uncoded
Recommended accessories
Other models and accessories
www.sick.com/UFS
Brief description
Type
Part no.
Connection modules
IO-Link V1.1 Class A port, USB2.0 port, optional external power supply 24V / 1A
IOLA2US-01101
(SiLink2 Master)
1061790
Universal bar clamp systems
WFS mounting rod, straight, including 2 x fixing screws, Aluminum
BEF-M12GF-A
2059414
Bar clamp for bar diameter of 12 mm (fixing the mounting rod), Aluminum, 2 screws
M6 x 30, 2 spring discs
BEF-RMC-D12
5321878
Plug connectors and cables
• Connection type head A: Female connector, M8, 4-pin, straight, A-coded
• Connection type head B: Flying leads
• Signal type: Sensor/actuator cable
• Cable: 5 m, 4-wire, PVC
• Description: Sensor/actuator cable, unshielded
• Application: Zones with chemicals
YF8U14-
050VA3XLEAX
2095889
Sensor Integration Gateway
• Further functions: Web server integrated, IIoT interface available (dual talk)
• Logic editor: no
• Communication interface: IO-Link, Ethernet, PROFINET, REST API, MQTT, OPC UA
• Product category: IO-Link Master
SIG350-0004AP100
6076871
• Further functions: Web server integrated, IIoT interface available (dual talk)
• Logic editor: no
• Communication interface: IO-Link, Ethernet, EtherNet/IP™, REST API, MQTT, OPC UA
• Product category: IO-Link Master
SIG350-0005AP100
6076923
• Further functions: Web server integrated, IIoT interface available (dual talk)
• Logic editor: no
• Communication interface: IO-Link, Ethernet, EtherCAT®, REST API, MQTT, OPC UA
• Product category: IO-Link Master
SIG350-0006AP100
6076924
6
FORK SENSORS | SICK
Product data sheet | 2024-03-28 09:44:02
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com