Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-RMC-D12 Datasheet(PDF) 4 Page - SICK AG

Part # BEF-RMC-D12
Description  FORK SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

BEF-RMC-D12 Datasheet(HTML) 4 Page - SICK AG

  BEF-RMC-D12 Datasheet HTML 1Page - SICK AG BEF-RMC-D12 Datasheet HTML 2Page - SICK AG BEF-RMC-D12 Datasheet HTML 3Page - SICK AG BEF-RMC-D12 Datasheet HTML 4Page - SICK AG BEF-RMC-D12 Datasheet HTML 5Page - SICK AG BEF-RMC-D12 Datasheet HTML 6Page - SICK AG BEF-RMC-D12 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UFS3-37B417 | UFS
FORK SENSORS
Ambient data
Ambient operating temperature
+5 °C ... +55 °C 1)
Ambient temperature, storage
–20 °C ... +70 °C
Shock load
According to EN 60068-2-27
EMC
EN 60947-5-2 2)
UL File No.
NRKH.E191603 & NRKH7.E191603
1) Do not bend below 0 °C.
2) The sensor complies with the Radio Safety Requirements (EMC) for the industrial sector (Radio Safety Class A). It may cause radio interference if used in a residen-
tial area.
Smart Task
Smart Task name
Base logics
Classifications
ECLASS 5.0
27270909
ECLASS 5.1.4
27270909
ECLASS 6.0
27270909
ECLASS 6.2
27270909
ECLASS 7.0
27270909
ECLASS 8.0
27270909
ECLASS 8.1
27270909
ECLASS 9.0
27270909
ECLASS 10.0
27270909
ECLASS 11.0
27270909
ECLASS 12.0
27270909
ETIM 5.0
EC002720
ETIM 6.0
EC002720
ETIM 7.0
EC002720
ETIM 8.0
EC002720
UNSPSC 16.0901
39121528
Connection/Pin assignment
Connection type
Male connector M8, 4-pin
Pin assignment
BN 1 + (L+)
WH 2 MF
BU 3 - (M)
BK 4 Q/C
4
FORK SENSORS | SICK
Product data sheet | 2024-03-28 09:44:02
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com