Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9989GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP9989GS
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9989GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP9989GS Datasheet HTML 1Page - Monolithic Power Systems MP9989GS Datasheet HTML 2Page - Monolithic Power Systems MP9989GS Datasheet HTML 3Page - Monolithic Power Systems MP9989GS Datasheet HTML 4Page - Monolithic Power Systems MP9989GS Datasheet HTML 5Page - Monolithic Power Systems MP9989GS Datasheet HTML 6Page - Monolithic Power Systems MP9989GS Datasheet HTML 7Page - Monolithic Power Systems MP9989GS Datasheet HTML 8Page - Monolithic Power Systems MP9989GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP9989
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP9989 Rev. 1.1
www.MonolithicPower.com
5
8/27/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = 6.7V, TJ = -40 to about +125°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Drain-source breakdown
voltage
V(BR)DSS
TJ = 25°C
100
V
VDD UVLO rising
4.0
4.2
4.4
V
VDD UVLO hysteresis
0.1
0.24
0.38
V
VDD maximum charging
current
IVDD
VDD = 5.5V, SENSE = 30V
63
mA
Operating current
ICC
fSW = 100kHz
4
6
mA
Quiescent current
IQ(VDD)
VDD = 7V
110
135
µA
Control Circuitry Section
Forward regulation voltage
(VS-VD) (7)
VFWD
25
40
55
mV
Turn-on threshold (VDS)
-115
-80
-57
mV
Turn-off threshold (VS-VD) (7)
-6
3
12
mV
Turn-on delay (8)
tD-ON
20
ns
Turn-off delay (7)
tD-OFF
25
ns
Turn-on blanking time
tB-ON
CLOAD = 2.2nF
0.8
1.2
1.55
µs
Turn-off blanking threshold
(VDS)
VB-OFF
2
3
V
Turn-off threshold during
minimum on time (VDS)
1.8
V
Turn-on slew rate detection
time (8)
30
ns
Power Switch Section
Single pulse avalanche
energy (9)
EAS
VDD = 50V, VGS = 10V,
L = 1.0mH, TJ = 25°C
20
mJ
Drain-source on state
resistance
RDS(ON)
ID = 2A,TJ = 25°C
10
12.5
mΩ
Input capacitance
CISS
VDS = 40V, VGS = 0V,
f = 1MHz
3850
pF
Output capacitance
COSS
614
pF
Reverse transfer capacitance
CRSS
40
pF
Source-Drain Diode Characteristics
Source-drain diode forward
voltage
VSD
IS = 8A, VGS = 0V
0.8
1.2
V
Reverse recovery time
tRR
IF
= 10A, dl/dt = 100A/μs
78.8
ns
Diode reverse change
QRR
105.6
nC
Notes:
7) Guaranteed by characterization.
8) Guaranteed by design.
9) EAS is tested at starting TJ = 25°C, L = 1mH, IAS = 6.4A, VDD = 50V, VGS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com