Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9989GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP9989GS
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9989GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP9989GS Datasheet HTML 2Page - Monolithic Power Systems MP9989GS Datasheet HTML 3Page - Monolithic Power Systems MP9989GS Datasheet HTML 4Page - Monolithic Power Systems MP9989GS Datasheet HTML 5Page - Monolithic Power Systems MP9989GS Datasheet HTML 6Page - Monolithic Power Systems MP9989GS Datasheet HTML 7Page - Monolithic Power Systems MP9989GS Datasheet HTML 8Page - Monolithic Power Systems MP9989GS Datasheet HTML 9Page - Monolithic Power Systems MP9989GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP9989
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP9989 Rev. 1.1
www.MonolithicPower.com
6
8/27/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD = 6.7V, unless otherwise noted.
VD-VS Breakdown Voltage vs.
Temperature
VDD Rising vs. Temperature
Operation Current vs. Temperature
VDD Maximum Charging Current vs.
Temperature
VDD = 5.5V, SENSE = 30V
RDS(ON) vs. Temperature
100
105
110
115
120
125
-50
0
50
100
150
TEMPERATURE (
℃)
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
4.4
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
℃)
3.8
3.85
3.9
3.95
4
4.05
4.1
4.15
4.2
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
℃)
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
℃)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-70
-20
30
80
130
TJ, JUNCTION TEMPERATURE (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com