Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9989GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP9989GS
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9989GS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP9989GS Datasheet HTML 5Page - Monolithic Power Systems MP9989GS Datasheet HTML 6Page - Monolithic Power Systems MP9989GS Datasheet HTML 7Page - Monolithic Power Systems MP9989GS Datasheet HTML 8Page - Monolithic Power Systems MP9989GS Datasheet HTML 9Page - Monolithic Power Systems MP9989GS Datasheet HTML 10Page - Monolithic Power Systems MP9989GS Datasheet HTML 11Page - Monolithic Power Systems MP9989GS Datasheet HTML 12Page - Monolithic Power Systems MP9989GS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP9989
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP9989 Rev. 1.1
www.MonolithicPower.com
9
8/27/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The
MP9989
supports
operation
in
discontinuous
conduction
mode
(DCM),
continuous conduction mode (CCM), and quasi-
resonant flyback converters. The control circuitry
controls the gate in forward mode and turns the
gate off when the synchronous rectification (SR)
MOSFET current drops to zero.
VDD Generation
SENSE is the input for the linear regulator, the
output of which is VDD. VDD supplies the
MP9989, and is regulated at 6.7V.
When SENSE is under 4.7V, a 40mA current
source from SENSE charges up VDD. When
SENSE is above 4.7V, the linear regulator’s
maximum charging current is limited at IVDD to
charge the external capacitor at VDD.
Start-Up and Under-Voltage Lockout (UVLO)
When VDD rises above 4.2V, the MP9989 exits
under-voltage lockout (UVLO) and is enabled.
Once VDD drops below 4.0V, the MP9989
enters sleep mode and VGS is kept low.
Turn-On Phase
When VDS drops to ~2V, a turn-on timer begins.
If VDS reaches the -80mV turn-on threshold from
2V within the slew rate detection time (~30ns),
the MOSFET is turned on after a turn-on delay
tD-ON (~20ns) (see Figure 2). If VDS crosses -
80mV after the timer ends, the gate voltage
remains off. This turn-on timer prevents the
MP9989 from falsely turning on due to ringing
from DCM and quasi-resonant operations.
Turn-On Blanking
The control circuitry contains a blanking function.
When the MOSFET turns on, the control circuit
ensures that the on state lasts for a specific
period of time. The turn-on blanking time is tB-ON
(~1.2µs) to prevent an accidental turn off due to
ringing. However, if VDS reaches 1.8V within the
turn-on
blanking
time,
VGS
is
pulled
low
immediately.
Conduction Phase
When VDS rises above the forward voltage drop,
VFWD (-40mV), according to the decrease of the
switching current, the MP9989 lowers the gate
voltage level to enlarge the on resistance of the
synchronous MOSFET.
-3mV
-80mV
2V
VDS
VGS
Turn-On
Delay
Turn-Off
Delay
Turn-On
Blanking
Driver Begi ns
to be Pulled
Down
Driver Turn
Off
2V
Turn-Off
Blanking
-40mV
Figure 2: Turn-On/Turn-Off Timing Diagram
With this control scheme, VDS is adjusted to be
around VFWD even when the current through the
MOSFET is fairly low. This function keeps the
driver voltage at a very low level when the
synchronous MOSFET is turned off, which
boosts the turn-off speed and is especially
important to CCM operation.
Turn-Off Phase
When VDS rises to trigger the turn-off threshold (-
3mV), the gate voltage is pulled to zero after a
short turn-off delay of tD-OFF (about 25ns) (see
Figure 2).
Turn-Off Blanking
After the gate driver (VGS) is pulled to zero by VDS
reaching the turn-off threshold (-3mV), a turn-off
blanking time is applied, during which the gate
driver signal is latched off. The turn-off blanking
is removed when VDS rises above VB-OFF (2V)
(see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com